Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 21 Page - TDK Electronics

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43713 Datasheet(HTML) 21 Page - TDK Electronics

Back Button B43713 Datasheet HTML 17Page - TDK Electronics B43713 Datasheet HTML 18Page - TDK Electronics B43713 Datasheet HTML 19Page - TDK Electronics B43713 Datasheet HTML 20Page - TDK Electronics B43713 Datasheet HTML 21Page - TDK Electronics B43713 Datasheet HTML 22Page - TDK Electronics B43713 Datasheet HTML 23Page - TDK Electronics B43713 Datasheet HTML 24Page - TDK Electronics B43713 Datasheet HTML 25Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Topic
Safety information
Reference
chapter "General
technical information"
Active
flammability
Avoid overload of the capacitors.
8.2
"Active flammability"
Maintenance
Make periodic inspections of the capacitors.
Before the inspection, make sure that the power
supply is turned off and carefully discharge the
electricity of the capacitors.
Do not apply excessive mechanical stress to the
capacitor terminals when mounting.
10
"Maintenance"
Storage
Do not store capacitors at high temperatures or
high humidity. Capacitors should be stored at
+5 to +35
°C and a relative humidity of ≤ 75%.
7.3
"Shelf life and storage
conditions"
Reference
chapter "Capacitors with
screw terminals"
Breakdown strength
of insulating
sleeves
Do not damage the insulating sleeve, especially
when ring clips are used for mounting.
"Screw terminals
accessories"
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets,
data books, other publications and the website of EPCOS, or in order-related documents such as
shipping notes, order confirmations and product labels. The varying representations of the
ordering codes are due to different processes employed and do not affect the specifications of the
respective products. Detailed information can be found on the Internet under
www.epcos.com/orderingcodes
B43713, B43733
Extra long useful life
85
°C
Page 21 of 25
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com