Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43713 Datasheet(PDF) 13 Page - TDK Electronics

Part # B43713
Description  Aluminum electrolytic capacitors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43713 Datasheet(HTML) 13 Page - TDK Electronics

Back Button B43713 Datasheet HTML 9Page - TDK Electronics B43713 Datasheet HTML 10Page - TDK Electronics B43713 Datasheet HTML 11Page - TDK Electronics B43713 Datasheet HTML 12Page - TDK Electronics B43713 Datasheet HTML 13Page - TDK Electronics B43713 Datasheet HTML 14Page - TDK Electronics B43713 Datasheet HTML 15Page - TDK Electronics B43713 Datasheet HTML 16Page - TDK Electronics B43713 Datasheet HTML 17Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
ESRtyp
300 Hz
60
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
## = Design
1 = for capacitors with ring clip/clamp mounting
3 = for capacitors with threaded stud
00 = for standard capacitors
07 = for heat sink mounting (only for d
≥ 64.3 mm
and without threaded stud)
50 = for terminals with PAPR style
57 = for terminals with PAPR style and heat sink
mounting (only for d
≥ 64.3 mm and without
threaded stud)
VR = 250 V DC
2700
51.6
× 80.7
55
16
95
13.6
7.28
B437*3E2278M0##
3300
51.6
× 80.7
50
15
80
14.8
7.88
B437*3E2338M0##
3900
51.6
× 105.7
36
11
55
18.2
9.69
B437*3E2398M0##
3900
64.3
× 80.7
34
10
55
18.9
10.0
B437*3F2398M0##
4700
51.6
× 130.7
28
8.7
50
21.1
11.2
B437*3E2478M0##
4700
64.3
× 96.7
28
8.5
45
21.4
11.4
B437*3F2478M0##
5600
64.3
× 96.7
24
8.0
40
23.2
12.3
B437*3E2568M0##
6800
64.3
× 118.2
20
6.4
34
26.8
14.2
B437*3E2688M0##
6800
76.9
× 96.7
20
5.7
32
29.8
15.8
B437*3F2688M0##
8200
64.3
× 130.7
17
5.7
28
30.1
16.0
B437*3E2828M0##
8200
76.9
× 105.7
17
5.0
28
33.1
17.6
B437*3F2828M0##
10000
76.9
× 118.2
14
4.2
22
37.3
19.9
B437*3E2109M0##
10000
90.0
× 120.0
13
3.6
22
41.2
22.5
B437*3F2109M0##
12000
76.9
× 143.2
11
3.5
19
42.3
22.5
B437*3E2129M0##
12000
90.0
× 120.0
11
3.4
19
45.3
24.7
B437*3F2129M0##
15000
76.9
× 168.7
9.2
2.9
16
49.0
26.7
B437*3E2159M0##
15000
90.0
× 144.5
9.0
2.7
15
51.8
28.3
B437*3F2159M0##
18000
76.9
× 190.7
7.8
2.6
14
55.4
30.2
B437*3E2189M0##
18000
90.0
× 170.0
7.6
2.3
13
58.0
31.7
B437*3F2189M0##
22000
76.9
× 220.7
6.4
2.2
12
63.8
34.8
B437*3E2229M0##
22000
90.0
× 197.0
6.2
2.0
11
65.6
35.9
B437*3F2229M0##
27000
90.0
× 221.0
5.2
1.7
9.4
74.7
40.8
B437*3E2279M0##
B43713, B43733
Extra long useful life
85
°C
Page 13 of 25
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com