Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE409 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NTE409
Description  HARDWARE ACCESSORIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NTE409 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NTE409 Datasheet HTML 1Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 2Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 3Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 4Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 5Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 6Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 7Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 8Page - List of Unclassifed Manufacturers NTE409 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HARDWARE & ACCESSORIES
See Diagrams, beginning on Page 1
−377
1
−377
NTE Electronics, Inc.
D Voice (973) 748−5089 D FAX (973) 748−6224 D http://www.nteinc.com
NTE Type
Number
Diagram
Number
Quantity
Per Pkg
SOCKETS (Cont’d)
NTE428
358
2
Socket for 24 Lead DIP Type Package
NTE429
359
2
Socket for 28 Lead DIP Type Package
NTE430
360
1
Socket for 40 Lead DIP Type Package
NTE435K28
561
2
Socket for 28 Lead DIP Type Package, 0.070 (1.78) Lead Spacing
NTE435K30
562
2
Socket for 30 Lead DIP Type Package, 0.070 (1.78) Lead Spacing
NTE435K42
563
1
Socket for 42 Lead DIP Type Package, 0.070 (1.78) Lead Spacing
NTE435K52
632
1
Socket for 52 Lead DIP Type Package, 0.070 (1.78) Lead Spacing
NTE435K64
564
1
Socket for 64 Lead DIP Type Package, 0.070 (1.78) Lead Spacing
NTE435P6
524
2
Socket for 6 Lead DIP Type Package
NTE435P18
374
2
Socket for 18 Lead DIP Type Package
NTE435P20
375
2
Socket for 20 Lead DIP Type Package
NTE435P22
376
2
Socket for 22 Lead DIP Type Package
NTE435P42
588
1
Socket for 42 Lead DIP Type Package
NTE436W8
525
2
Socket for 8 Lead DIP Type Package, Wire Wrap Leads
NTE436W14
526
2
Socket for 14 Lead DIP Type Package, Wire Wrap Leads
NTE436W16
527
2
Socket for 16 Lead DIP Type Package, Wire Wrap Leads
NTE436W18
528
2
Socket for 18 Lead DIP Type Package, Wire Wrap Leads
NTE436W20
529
1
Socket for 20 Lead DIP Type Package, Wire Wrap Leads
NTE436W22
530
1
Socket for 22 Lead DIP Type Package, Wire Wrap Leads
NTE436W24
531
1
Socket for 24 Lead DIP Type Package, Wire Wrap Leads
NTE436W28
532
1
Socket for 28 Lead DIP Type Package, Wire Wrap Leads
NTE436W40
533
1
Socket for 40 Lead DIP Type Package, Wire Wrap Leads
MOUNTING CLIPS
LED
−MC
714
5
Mounting Clip (2 Piece) for T
−1 3/4 (5mm) LEDs
LED
−MC2
715
5
Mounting Clip for T
−1 3/4 (5mm) LEDs
LED
−MC3
733
5
Mounting Clip for T
−1 (3mm) LEDs
LED
−MC8
731
3
Mounting Clip for 8mm LEDs
LED
−MC10
732
3
Mounting Clip for T
−3 1/4 (10mm) LEDs
HARDWARE
NTE426
−
2
Metric Hardware Kit TO220 Type Package (Includes 3mm Nuts and Bolts)
NTE432
361
2
Thread Converter (Converts 3/8
−24 to 1/2−20)
NTE433
418
1
High Voltage Splices for CRT Anode Leads (40KV Insulation)
DIMENSIONAL OUTLINE DRAWINGS
Diagram 345
Diagram 352
Diagram 353
.437
(11.09)
A. F.
.312 (7.92)
#10
− 32 UNF−2A
.875
(22.2)
.351 (8.9)
.100 (2.54) Typ
.312 (7.92)
.440
(11.1)
.380 (9.65)
.437 (11.09)
.437
(11.09)
.300 (7.62)
.437
(11.09)
.531
(13.5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com