Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RC2 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 22Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 23Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 24Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 25Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 26Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 27Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 28Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 29Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 254 page
background image
26
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Table 4-5.
Interrupt SFRs
Mnemonic
Add
Name
765432
10
IEN0
A8h
Interrupt Enable Control 0
EA
EC
ET2
ES
ET1
EX1
ET0
EX0
IEN1
B1h
Interrupt Enable Control 1
–
–
EADC
ECMP
–
ESPI
ETWI
EKB
IPH0
B7h
Interrupt Priority Control High 0
IP1D
PPCH
PT2H
PHS
PT1H
PX1H
PT0H
PX0H
IPL0
B8h
Interrupt Priority Control Low 0
IP0D
PPCL
PT2L
PLS
PT1L
PX1L
PT0L
PX0L
IPH1
B3h
Interrupt Priority Control High 1
IP3D
–
PADL
PCMPL
–
SPIH
PTWL
PKBH
IPL1
B2h
Interrupt Priority Control Low 1
IP2D
–
PADH
PCMPH
–
SPIL
PTWH
PKBL
Table 4-6.
Port SFRs
Mnemonic
Add
Name
765432
10
P0
80h
8-bit Port 0
P1
90h
8-bit Port 1
P2
A0h
8-bit Port 2
P3
B0h
8-bit Port 3
P4
C0h
8-bit Port 4
P0M0
E6h
Port 0 Mode 0
P0M1
E7h
Port 0 Mode 1
P1M0
D6h
Port 1 Mode 0
P1M1
D7h
Port 1 Mode 1
P2M0
CEh
Port 2 Mode 0
P2M1
CFh
Port 2 Mode 1
P3M0
C6h
Port 3 Mode 0
P3M1
C7h
Port 3 Mode 1
P4M0
BEh
Port 4 Mode 0
P4M1
BFh
Port 4 Mode 1
Table 4-7.
Serial I/O Port SFRs
Mnemonic
Add
Name
765432
10
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
SADEN
B9h
Slave Address Mask
SADDR
A9h
Slave Address
BDRCON
9Bh
Baud Rate Control
–
–
–
BRR
TBCK
RBCK
SPD
SRC
BRL
9Ah
Baud Rate Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com