Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RC2 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89LP51RC2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RC2 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89LP51RC2 Datasheet HTML 34Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 35Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 36Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 37Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 38Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 39Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 40Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 41Page - ATMEL Corporation AT89LP51RC2 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 254 page
background image
38
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
5.4.2
Data Pointer Operating Modes
The Dual Data Pointers on the AT89LP51RB2/RC2/IC2 include three additional operating
modes that affect data pointer based instructions. These modes are controlled by bits in DSPR.
Note that these bits in DSPR should be cleared to zero, disabling these modes, before any calls
are made to the Flash API.Care must also be taken when interrupt routines use data pointers to
ensure that correct operation is saved/restored correctly.
5.4.2.1
DPTR Redirect
The Data Pointer Redirect to B bit, DPRB (DSPR.0), allows MOVX and MOVC instructions to
use the B register as the data source/destination when the instruction references DPTR1 as
shown in Table 5-8 and Table 5-9. DPRB can improve the efficiency of routines that must fetch
multiple operands from different RAM locations.
5.4.2.2
Index Disable
The MOVC Index Disable bit, MVCD (DSPR.1), disables the indexed addressing mode of the
MOVC A, @A+DPTR instruction. When MVCD = 1, the MOVC instruction functions as
MOVC A, @DPTR with no indexing as shown in Table 5-9. MVCD can improve the efficiency of
routines that must fetch multiple operands from program memory. DPRB can change the MOVC
destination register from ACC to B, but has no effect on the MOVC index register.
Table 5-8.
MOVX @DPTR Operating Modes
DPRB
DPS
Equivalent Operation for MOVX
MOVX A, @DPTR
MOVX @DPTR, A
DPTR
/DPTR
DPTR
/DPTR
00
MOVX
A, @DPTR0
MOVX
A, @DPTR1
MOVX
@DPTR0, A
MOVX
@DPTR1, A
01
MOVX
A, @DPTR1
MOVX
A, @DPTR0
MOVX
@DPTR1, A
MOVX
@DPTR0, A
10
MOVX
A, @DPTR0
MOVX
B, @DPTR1
MOVX
@DPTR0, A
MOVX
@DPTR1, B
11
MOVX
B, @DPTR1
MOVX
A, @DPTR0
MOVX
@DPTR1, B
MOVX
@DPTR0, A
Table 5-9.
MOVC @DPTR Operating Modes
MVCD
DPRB
Equivalent Operation for MOVC A, @A+DPTR
DPS = 0
DPS = 1
DPTR
/DPTR
DPTR
/DPTR
00
MOVC
A, @A+DPTR0
MOVC
A, @A+DPTR1
MOVC
A, @A+DPTR1
MOVC
A, @A+DPTR0
01
MOVC
A, @A+DPTR0
MOVC
B, @A+DPTR1
MOVC
B, @A+DPTR1
MOVC
A, @A+DPTR0
10
MOVC
A, @DPTR0
MOVC
A, @DPTR1
MOVC
A, @DPTR1
MOVC
A, @DPTR0
11
MOVC
A, @DPTR0
MOVC
B, @DPTR1
MOVC
B, @DPTR1
MOVC
A, @DPTR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com