Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6200 Datasheet(PDF) 11 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP6200 Datasheet HTML 7Page - Exar Corporation SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation SP6200 Datasheet HTML 10Page - Exar Corporation SP6200 Datasheet HTML 11Page - Exar Corporation SP6200 Datasheet HTML 12Page - Exar Corporation SP6200 Datasheet HTML 13Page - Exar Corporation SP6200 Datasheet HTML 14Page - Exar Corporation SP6200 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
11/17
Rev. 2.1.0
Fig. 34: Load Transient Response, 200mA step, 4VIN
Fig. 35: Load Transient Response, 300mA step, 4VIN
Fig. 36: Line Transient Response
Fig. 37: Line Transient Response
Fig. 38: Power Supply Rejection Ratio
Fig. 39: Power Supply Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com