Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6200 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP6200 Datasheet HTML 9Page - Exar Corporation SP6200 Datasheet HTML 10Page - Exar Corporation SP6200 Datasheet HTML 11Page - Exar Corporation SP6200 Datasheet HTML 12Page - Exar Corporation SP6200 Datasheet HTML 13Page - Exar Corporation SP6200 Datasheet HTML 14Page - Exar Corporation SP6200 Datasheet HTML 15Page - Exar Corporation SP6200 Datasheet HTML 16Page - Exar Corporation SP6200 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
14/17
Rev. 2.1.0
regulator's transient response. The output
capacitor value may be increased without
limit. The output capacitor should have an ESR
(effective series resistance) below 5Ω and a
resonant frequency above 1MHz.
NO LOAD STABILITY
The SP6200/SP6201 will remain stable and in
regulation with no external load (other than
the internal voltage driver) unlike many other
voltage regulators. This is especially important
in CMOS RAM keep-alive applications.
THERMAL CONSIDERATIONS
The SP6200 is designed to provide 100mA of
continuous current, while the SP6201 will
provide
200mA
of
continuous
current.
Maximum power dissipation can be calculated
based on the output current and the voltage
drop across the part. To determine the
maximum power dissipation in the package,
use
the
junction-to-ambient
thermal
resistance of the device and the following
basic equation:
TJ(MAX) is the maximum junction temperature of
the die and is 125°C. TA is the ambient
operating. θJA is the junction-to-ambient
thermal resistance for the regulator and is
layout dependent.
The actual power dissipation of the regulator
circuit can be determined using one simple
equation:
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the
application will give the maximum operating
conditions for the
regulator circuit. For
example, if we are operating the SP6201- 3.0V
at room temperature, with a SOT-23-5
package on a 4 layer standard board we can
determine the maximum input voltage for a
set output current.
To prevent the device from entering thermal
shutdown, maximum power dissipation cannot
be exceeded. Using the output voltage of 3.0V
and an output current of 200mA, the
maximum input voltage can be determined.
Ground pin current can be taken from the
electrical spec’s table (IGND=200µA at
IOUT=200mA). The maximum input voltage is
determined as follows:
Solving for VIN, we get:
After calculations, we find that the maximum
input voltage of a 3.0V application at 200mA
of output current in an SOT-23-5 package is
5.59V.
DUAL-SUPPLY OPERATION
When used in dual supply systems where the
regulator load is returned to a negative
supply, the output voltage must be diode
clamped to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com