Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062IDT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TL062IDT
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062IDT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TL062IDT Datasheet HTML 7Page - STMicroelectronics TL062IDT Datasheet HTML 8Page - STMicroelectronics TL062IDT Datasheet HTML 9Page - STMicroelectronics TL062IDT Datasheet HTML 10Page - STMicroelectronics TL062IDT Datasheet HTML 11Page - STMicroelectronics TL062IDT Datasheet HTML 12Page - STMicroelectronics TL062IDT Datasheet HTML 13Page - STMicroelectronics TL062IDT Datasheet HTML 14Page - STMicroelectronics TL062IDT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TL062, TL062A, TL062B
Package information
Doc ID 2294 Rev 4
13/15
5.2
SO-8 package information
Figure 21.
SO-8 package outline
Table 6.
SO-8 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.10
0.25
0.004
0.010
A2
1.25
0.049
b0.28
0.48
0.011
0.019
c
0.17
0.23
0.007
0.010
D4.80
4.90
5.00
0.189
0.193
0.197
E5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.040
k0
8°1°
ccc
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com