Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TL062IDT
Description  Low-power JFET dual operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TL062IDT Datasheet HTML 1Page - STMicroelectronics TL062IDT Datasheet HTML 2Page - STMicroelectronics TL062IDT Datasheet HTML 3Page - STMicroelectronics TL062IDT Datasheet HTML 4Page - STMicroelectronics TL062IDT Datasheet HTML 5Page - STMicroelectronics TL062IDT Datasheet HTML 6Page - STMicroelectronics TL062IDT Datasheet HTML 7Page - STMicroelectronics TL062IDT Datasheet HTML 8Page - STMicroelectronics TL062IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TL062, TL062A, TL062B
Absolute maximum ratings and operating conditions
Doc ID 2294 Rev 4
3/15
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the
supply voltages where the zero reference level is the midpoint between VCC
+ and V
CC
-.
±18
V
Vi
Input voltage(2)
2.
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts,
whichever is less.
±15
V
Vid
Differential input voltage(3)
3.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±30
V
Ptot
Power dissipation
680mW
Output short-circuit duration(4)
4.
The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be
limited to ensure that the dissipation rating is not exceeded.
Infinite
Tstg
Storage temperature range
°C
Rthja
Thermal resistance junction-to-ambient(5),(6)
SO-8
DIP8
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
125
85
°C/W
Rthjc
Thermal resistance junction-to-case(5),(6)
SO-8
DIP8
40
41
°C/W
ESD
HBM: human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
900
V
MM: machine model(8)
8.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
150
V
CDM: charged device model(9)
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to ground.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
TL062I, AI, BI
TL062C, AC, BC
Unit
VCC
Supply voltage range
6 to 36
V
Toper
Operating free air temperature range
-40 to +105
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com