Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG520W_2015
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG520W_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG520W_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Oct 02
3
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
20
V
VCES
collector-emitter voltage
RBE =0
15
V
VEBO
emitter-base voltage
open collector
2.5
V
IC
collector current (DC)
70
mA
Ptot
total power dissipation
Ts ≤ 85 °C; see Fig.2; note 1
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
Ts ≤ 85 °C; note 1
180
K/W
Fig.2 Power derating curve.
handbook, halfpage
0
50
100
200
400
0
MBG248
150
T
( C)
o
s
Ptot
(mW)
600
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com