Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG520W_2015 Datasheet(PDF) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG520W_2015
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG520W_2015 Datasheet(HTML) 6 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG520W_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG520W_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1998 Oct 02
6
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG520W; BFG520W/X
f = 900 MHz; VCE =6V.
Fig.6
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
10
20
40
MLB810
30
gain
(dB)
I
(mA)
C
G
MSG
UM
G max
f = 2 GHz; VCE =6V.
Fig.7
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
10
20
40
MLB811
30
gain
(dB)
I
(mA)
C
MSG
UM
G max
G
IC = 5 mA; VCE =6V.
Fig.8
Gain as a function of frequency;
typical values.
handbook, halfpage
50
0
10
MLB812
10
2
10
3
10
4
10
20
30
40
(dB)
f (MHz)
gain
G max
GUM
MSG
Fig.9
Gain as a function of frequency;
typical values.
IC = 20 mA; VCE =6V.
handbook, halfpage
50
0
10
MLB813
10
2
10
3
10
4
10
20
30
40
(dB)
f (MHz)
gain
G max
GUM
MSG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com