Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC23N60C5 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXKC23N60C5
Description  CoolMOS Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC23N60C5 Datasheet(HTML) 2 Page - IXYS Corporation

  IXKC23N60C5 Datasheet HTML 1Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 2Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 3Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2010 IXYS All rights reserved
2 - 4
20100303c
IXKC 23N60C5
IXYS reserves the right to change limits, test conditions and dimensions.
Source-Drain Diode
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
S
V
GS = 0 V
16
A
V
SD
I
F = 16 A; VGS = 0 V
0.9
1.2
V
t
rr
Q
RM
I
RM
I
F = 16 A; -diF /dt = 100 A/µs; VR = 400 V
450
12
70
ns
µC
A
Component
Symbol
Conditions
Maximum Ratings
T
VJ
T
stg
operating
storage
-55...+150
-55...+150
°C
°C
V
ISOL
RMS leads-to-tab, 50/60 Hz, f = 1 minute
2500
V~
F
C
mounting force
11-65 / 2.4-11
N/lb
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
thCH
with heatsink compound
0.28
K/W
Weight
3.1
g



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com