Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXKC23N60C5 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXKC23N60C5
Description  CoolMOS Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXKC23N60C5 Datasheet(HTML) 4 Page - IXYS Corporation

  IXKC23N60C5 Datasheet HTML 1Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 2Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 3Page - IXYS Corporation IXKC23N60C5 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2010 IXYS All rights reserved
4 - 4
20100303c
IXKC 23N60C5
IXYS reserves the right to change limits, test conditions and dimensions.
540
580
620
660
700
-60
-20
20
60
100
140
180
T j [°C]
0
250
500
750
1000
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10 5
10 4
10 3
10 2
10 1
10 0
0
50
100
150
200
V DS [V]
1 20 V
40 0V
0
2
4
6
8
10
12
0
10
20
30
40
50
60
Q gate [nC]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
10 2
10 1
10 0
10 -1
0
0.5
1
1.5
2
V SD [V]
25 °C
150 °C
0
40
80
120
160
0
2
4
6
8
10
V GS [V]
typ
98 %
0
0.05
0.1
0.15
0.2
0.25
0.3
-60
-20
20
60
100
140
180
T j [°C]
5 V
5.5 V
6 V
6.5 V
7 V
20 V
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
I D [A]
VDS =
TJV = 150°C
ID = 18 A
VGS = 10 V
VDS > 2·RDS(on) max · ID
TJ =
TJ =
VDS = 120 V
VGS = 0 V
f = 1 MHz
ID = 11 A
ID = 0.25 mA
ID = 18 A pulsed
Fig. 5 Drain-source on-state resistance
Fig. 4 Typ. drain-source on-state
resistance characteristics
Fig. 7 Forward characteristic
of reverse diode
Fig. 8 Typ. gate charge
Fig. 10 Avalanche energy
Fig. 11 Drain-source breakdown voltage
Fig. 6 Typ. transfer characteristics
Fig. 9 Typ. capacitances
1
10
100
1000
10000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
t
p [ms]
Fig. 12 Typ. transient thermal
impedance with heat transfer paste



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com