Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C2020 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 2 Page - Hynix Semiconductor

  GMS87C2020 Datasheet HTML 1Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 2Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 3Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 4Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 5Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 6Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 7Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 8Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
2
preliminary
Nov. 1999 Ver 0.0
1.2 Features
• 20K/12K bytes ROM(EPROM)
• 448 Bytes of On-Chip Data RAM
(Including STACK Area)
• Minimum Instruction Execution time :
- 1uS at 4MHz ( 2cycle NOP Instruction )
• One 8-Bit Basic Interval Timer
• One 7-Bit Watch Dog Timer
• Two 8-Bit Timer/Counters
• 10-Bit High Speed PWM Output
• One 8-bit Serial Peripheral Interface
• Two external interrupt ports
• One Programmable 6-Bit Buzzer Driving port
• 60 I/O Lines
- 56 Programmable I/O pins
:
30 high-voltage pins (40V,max)
- 3 Input Only pins : 1 high-voltage pin
- 1 Output Only pin
• Eight Interrupt Sources
- 2 By External Sources (INT0, INT1)
- 2 By Timer/Counter Sources (Timer0, Timer1)
- 4 By Functional Sources (SPI,ADC,WDT,BIT)
• 12-Channel 8-Bit On-Chip Analog to Digital Con-
verter
• Oscillatior :
- Crystal
- Ceramic Resonator
- External RC Oscillator
- Internal RCWDT Oscillatior
• Low Power Dissipation Modes
- STOP mode
- Wake-up Timer Mode
- Standby Mode
- Watch Mode
- Subactive Mode
• Operating Voltage : 4.0V ~ 5.5V (at 4.5MHz)
• Operating Frequency : 0.4MHz ~ 4.5MHz
• Subclock : 32.768KHz Crystal Oscillator
• Enhanced EMS Improvement
Power Fail Processor
( Noise Immunity Circuit )
*w here, T otal I/O is all ports except pow er and ground ports
Development Tools
The GMS800 family is supported by a full-featured macro
assembler, an in-circuit emulators CHOICE-Dr.™, and
add-on board type OTP writer Dr.Writer™ .
Device name
Total I/O
Normal I/O
High Voltage I/O
Input Only
Output Only
GMS81C2020
60 pins
26 pins
30 pins
3 pins
1 pins
GMS81C2012
60 pins
26 pins
30 pins
3 pins
1 pins
GMS81C2120
38 pins
13 pins
21 pins
3 pins
1 pins
GMS81C2112
38 pins
13 pins
21 pins
3 pins
1 pins
In Circuit Emulator
CHOICE-Dr.
Assembler
HME Macro Assembler
OTP Writer
Dr.Writer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com