Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C2020 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS87C2020 Datasheet HTML 17Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 18Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 19Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 20Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 21Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 22Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 23Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 24Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
21
DC Characteristics for Standard Pins( 5V )
( VDD = 5.0V ± 10%, VSS = 0V, TA = -40 ~ 125°C, fXI = 4 MHz, Vdisp=VDD-40V to VDD)
Parameter
Pin
Symbol
Test Condition
Specification
Unit
Min
Typ
Max
Input High Voltage
XI, SXI
VIH1
0.9VDD
VDD+0.3
V
RESETB,SIN,R55,SCLK,
INT0&1,EC0
VIH2
0.8VDD
VDD+0.3
R40~R43,R5,R6,R70~R73
VIH3
0.7VDD
VDD+0.3
Input Low Voltage
XI, SXI
VIL1
-0.3
0.1VDD
V
RESETB,SIN,R55,SCLK,
INT0&1,EC0
VIL2
-0.3
0.2VDD
R40~R43,R5,R6,R70~R73
VIL3
-0.3
0.3VDD
Output High
Voltage
R40~R43,R5,R6,R70~R73
BUZO,T0O,PWM1O/T1O,
SCLK,SOUT
VOH
IOH = -0.5mA
VDD-0.5
V
Output Low
Voltage
R40~R43,R5,R6,R70~R73
BUZO,T0O,PWM1O/T1O,
SCLK,SOUT
VOL1
VOL2
IOL = 1.6mA
IOL = 10mA
0.4
2
V
Input High
Leakage Current
R40~R43,R5,R6,R70~R73
IIH1
1
uA
XI
IIH2
1
Input Low
Leakage Current
R40~R43,R5,R6,R70~R73
IIL1
-1
uA
XI
IIL2
-1
Input Pull-up
Current(*Option)
R40~R43,R5,R6,R70~R73
IPU
50
100
180
uA
Power Fail
Detect Voltage
VDD
VPFD
2.7
V
Current dissipation
in active mode
VDD
IDD
fXI=4.2MHz
5
mA
Current dissipation
in standby mode
VDD
ISTBY
fXI=4.2MHz
2
mA
Current dissipation
in subactive mode
VDD
ISUB
fXI=Off
fSXI=32.7KHz
100
uA
Current dissipation
in watch mode
VDD
IWTC
fXI=Off
fSXI=32.7KHz
20
uA
Current dissipation
in stop mode
VDD
ISTOP
fXI=Off
fSXI=32.7KHz
10
uA
Hysteresis
RESETB,SIN,R55,SCLK,
INT0,INT1,EC0
VT+~VT-
0.4
V
Internal RC WDT
Frequency
XO
TRCWDT
10
25
MHz
RC Oscillation
Frequency
XO
fRCOSC
R= 60K
Ω
1.5
2
2.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com