Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1202 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS87C1202
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1202 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS87C1202 Datasheet HTML 17Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 18Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 19Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 20Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 21Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 22Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 23Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 24Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
21
Table 10-1 RC Oscillator Frequencies
Cext
Rext
Average
Fosc @ 5V,25
°C
24pF
20K
2.02MHz
±14.11%
33K
1.34MHz
±11.50%
47K
0.952MHz
±10.30%
100K
0.48MHz
±9.07%
39pF
20K
1.536MHz
±14.79%
33K
1.012MHz
±11.67%
47K
0.72MHz
±10.42%
100K
0.364MHz
±9.75%
100pF
20K
0.78MHz
±13.53%
33K
0.512MHz
±10.35%
47K
0.364MHz
±9.48%
100K
0.18MHz
±7.34%
T yp ical R C O scilla tor
1.5
1.0
0.5
0
(M H z )
F OSC
2.5
3
4
5
6
V DD
(V )
Frequency VS. V DD
2.5
2.0
3.5
4 .5
5 .5
Ta =25
°C
R= 2 0 k
R=3 3K
R= 47 K
R = 100 K
T y p ic a l R C O s cilla to r
1.2
1.0
0.8
0
(M H z)
F OS C
2.5
3
4
5
6
V DD
(V )
F requ ency VS. V DD
1.6
1.4
3.5
4 .5
5.5
R = 20K
R = 47K
R = 100K
0.2
0.4
0.6
R = 33K
T yp ica l R C O s cilla to r
0.6
0.5
0.4
0
(M H z )
F OSC
2.5
3
4
5
6
V DD
(V )
F reque ncy VS . V DD
0.8
0.7
3.5
4 .5
5 .5
R= 2 0 K
R= 47 K
R = 100K
0.1
0.2
0.3
R = 33K
T y p ic a l R C O s cilla to r
1.0 0 5
1.000
0.9 9 5
0.9 7 5
F OS C
0
1 03 0
5 07 0
V DD
(V )
F re que ncy VS . T e m p eratu re
1.0 1 0
20
4 0
60
0.9 8 0
0.9 8 5
0.9 9 0
V DD =5V
V DD =3 V
F OS C(25 °C)
C e x t=2 4pF
Ta=2 5
°C
C e xt= 39p F
Ta=25
°C
C e x t=100pF
R =25K
Ce x t= 2 4 p F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com