Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS87C1202 Datasheet(PDF) 39 Page - Hynix Semiconductor

Part # GMS87C1202
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1202 Datasheet(HTML) 39 Page - Hynix Semiconductor

Back Button GMS87C1202 Datasheet HTML 35Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 36Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 37Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 38Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 39Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 40Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 41Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 42Page - Hynix Semiconductor GMS87C1202 Datasheet HTML 43Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
39
14. Basic Interval Timer
The GMS87C1202 has one 8-bit Basic Interval Timer that
is free-run, can not stop. Block diagram is shown in Figure
14-1 .The 8-bit Basic interval timer register (BITR) is in-
creased every internal count pulse which is divided by
prescaler. Since prescaler has divided ratio by 8 to 1024,
the count rate is 1/8 to 1/1024 of the oscillator frequency.
As the count overflows from FFH to 00H, this overflow
causes to generate the Basic interval timer interrupt. The
BITF is interrupt request flag of Basic interval timer.
When write "1" to bit BTCL of CKCTLR, BITR register is
cleared to "0" and restart to count-up. The bit BTCL be-
comes "0" after one machine cycle by hardware.
If the STOP instruction executed after writing "1" to bit
WAKEUP of CKCTLR, it goes into the wake-up timer
mode. In this mode, all of the block is halted except the os-
cillator, prescaler ( only fxin
÷2048 ) and Timer0.
If the STOP instruction executed after writing "1" to bit
RCWDT of CKCTLR, it goes into the internal RC oscillat-
ed watchdog timer mode. In this mode, all of the block is
halted except the internal RC oscillator, Basic Interval
Timer and Watchdog Timer. More detail informations are
explained in Power Saving Function. The bit WDTON de-
cides Watchdog Timer or the normal 7-bit timer
Note: All control bits of Basic interval timer are in CKCTLR
register which is located at same address of BITR
(address ECH). Address ECH is read as BITR, writ-
ten to CKCTLR. Therefore, the CKCTLR can not be
accessed by bit manipulation instruction.
.
Figure 14-1 Block Diagram of Basic Interval Timer
Figure 14-2 CKCTLR : Clock Control Register
÷ 8
÷ 16
÷ 128
÷ 256
÷ 512
÷ 1024
÷ 32
÷ 64
STOP
WAKEUP
0
1
MUX
8
3
fxin
BITR (8BIT)
BITIF
BTS[2:0]
RCWDT
Internal RC OSC
Basic Interval Timer
Interrupt
BTCL
Clear
To Watchdog Timer
Clock Control Register
CKCTLR
ADDRESS : ECH
RESET VALUE : -0010111
-
WAKEUP
RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
Basic Interval Timer Clock Selection
000 : fxin
÷ 8
001 : fxin
÷ 16
100 : fxin
÷ 128
101 : fxin
÷ 256
110 : fxin
÷ 512
111 : fxin
÷ 1024
010 : fxin
÷ 32
011 : fxin
÷ 64
Symbol
Function Description
WAKEUP
1: Enables Wake-up Timer
0: Disables Wake-up Timer
RCWDT
1: Enables Internal RC Watchdog Timer
0: Disables Internal RC Watchdog Time
WDTON
1: Enables Watchdog Timer
0: Operates as a 7-bit Timer
BTCL
1: BITR is cleared and BTCL becomes "0" automatically
after one machine cycle, and BITR continue to count-up
Bit Manipulation Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com