Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89SND2CMP3B Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 104Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 105Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 106Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 107Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 108Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 109Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 110Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 111Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 242 page
background image
108
4341H–MP3–10/07
AT8xC51SND2C/MP3B
An endpoint which is not enabled won’t answer to any USB request. The Default Control
Endpoint (Endpoint 0) should always be enabled in order to answer to USB standard
requests.
•
Endpoint type configuration
All Standard Endpoints can be configured in Control, Bulk, Interrupt or Isochronous mode.
The Ping-pong Endpoints can be configured in Bulk, Interrupt or Isochronous mode. The
configuration of an endpoint is performed by setting the field EPTYPE with the following
values:
–
Control:
EPTYPE = 00b
–
Isochronous: EPTYPE = 01b
–
Bulk:
EPTYPE = 10b
–
Interrupt:
EPTYPE = 11b
The Endpoint 0 is the Default Control Endpoint and should always be configured in Control
type.
•
Endpoint direction configuration
For Bulk, Interrupt and Isochronous endpoints, the direction is defined with the EPDIR bit of
the UEPCONX register with the following values:
–
IN:
EPDIR = 1b
–
OUT:
EPDIR = 0b
For Control endpoints, the EPDIR bit has no effect.
•
Summary of Endpoint Configuration:
Do not forget to select the correct endpoint number in the UEPNUM register before access-
ing endpoint specific registers.
Table 16-1.
Summary of Endpoint Configuration
•
Endpoint FIFO reset
Before using an endpoint, its FIFO should be reset. This action resets the FIFO pointer to its
original value, resets the Byte counter of the endpoint (UBYCTX register), and resets the
data toggle bit (DTGL bit in UEPCONX).
The reset of an endpoint FIFO is performed by setting to 1 and resetting to 0 the corre-
sponding bit in the UEPRST register.
For example, in order to reset the Endpoint number 2 FIFO, write 0000 0100b then 0000
0000b in the UEPRST register.
Note that the endpoint reset doesn’t reset the bank number for ping-pong endpoints.
Endpoint Configuration
EPEN
EPDIR
EPTYPE
UEPCONX
Disabled
0b
Xb
XXb
0XXX XXXb
Control
1b
Xb
00b
80h
Bulk-in
1b
1b
10b
86h
Bulk-out
1b
0b
10b
82h
Interrupt-In
1b
1b
11b
87h
Interrupt-Out
1b
0b
11b
83h
Isochronous-In
1b
1b
01b
85h
Isochronous-Out
1b
0b
01b
81h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com