Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89SND2CMP3B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 18Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 19Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 20Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 21Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 22Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 23Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 24Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 25Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 242 page
background image
22
4341H–MP3–10/07
AT8xC51SND2C/MP3B
6.6
Registers
Table 6-2.
AUXR1 Register
AUXR1 (S:A2h) – Auxiliary Register 1
Reset Value = XXXX 00X0b
Note:
1. ENBOOT bit is only available in AT89C51SND2C product.
6.7
Hardware Bytes
Table 6-3.
HSB Byte – Hardware Security Byte
7
6
5
4
3
2
1
0
-
-
ENBOOT
-
GF3
0
-
DPS
Bit Number
Bit
Mnemonic
Description
7 - 6
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
5
ENBOOT1
Enable Boot Flash
Set this bit to map the boot Flash in the code space between at addresses F000h to
FFFFh.
Clear this bit to disable boot Flash.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
GF3
General Flag
This bit is a general-purpose user flag.
2
0
Always Zero
This bit is stuck to logic 0 to allow INC AUXR1 instruction without affecting GF3 flag.
1
-
Reserved for Data Pointer Extension.
0
DPS
Data Pointer Select Bit
Set to select second data pointer: DPTR1.
Clear to select first data pointer: DPTR0.
7
6
5
4
3
2
1
0
X2B
BLJB
-
-
-
LB2
LB1
LB0
Bit Number
Bit
Mnemonic
Description
7
X2B(1)
X2 Bit
Program this bit to start in X2 mode.
Unprogram (erase) this bit to start in standard mode.
6
BLJB(2)
Boot Loader Jump Bit
Program this bit to execute the boot loader at address F000h on next reset.
Unprogram (erase) this bit to execute user’s application at address 0000h on next reset.
5 - 4
-
Reserved
The value read from these bits is always unprogrammed. Do not program these bits.
3
-
Reserved
The value read from this bit is always unprogrammed. Do not program this bit.
2 - 0
LB2:0
Hardware Lock Bits
Refer to for bits description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com