Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89SND2CMP3B Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89SND2CMP3B
Description  Stand-alone MP3 Decoder
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89SND2CMP3B Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89SND2CMP3B Datasheet HTML 47Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 48Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 49Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 50Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 51Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 52Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 53Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 54Page - ATMEL Corporation AT89SND2CMP3B Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 242 page
background image
51
4341H–MP3–10/07
AT8xC51SND2C/MP3B
–
A logic high on the RST pin clears PD bit in PCON register directly and
asynchronously. This starts the oscillator and restores the clock to the CPU and
peripherals. Program execution momentarily resumes with the instruction
immediately following the instruction that activated Power-down mode and may
continue for a number of clock cycles before the internal reset algorithm takes
control. Reset initializes the AT8xC51SND2C and vectors the CPU to address
0000h.
Notes:
1. During the time that execution resumes, the internal RAM cannot be accessed; however, it is
possible for the Port pins to be accessed. To avoid unexpected outputs at the Port pins, the
instruction immediately following the instruction that activated the Power-down mode should
not write to a Port pin or to the external RAM.
2. Exit from power-down by reset redefines all the SFRs, but does not affect the internal RAM
content.
10.5
Registers
Table 10-3.
PCON Register
PCON (S:87h) – Power Configuration Register
Reset Value = 00XX 0000b
7
6
5
4
3
2
1
0
SMOD1
SMOD0
-
-
GF1
GF0
PD
IDL
Bit Number
Bit
Mnemonic
Description
7
SMOD1
Serial Port Mode Bit 1
Set to select double baud rate in mode 1,2 or 3.
6
SMOD0
Serial Port Mode Bit 0
Set to select FE bit in SCON register.
Clear to select SM0 bit in SCON register.
5 - 4
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
3
GF1
General-Purpose Flag 1
One use is to indicate whether an interrupt occurred during normal operation or during
Idle mode.
2
GF0
General-Purpose Flag 0
One use is to indicate whether an interrupt occurred during normal operation or during
Idle mode.
1
PD
Power-Down Mode Bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-down mode.
If IDL and PD are both set, PD takes precedence.
0
IDL
Idle Mode Bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com