Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS90 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS90
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS90 Datasheet HTML 12Page - Hynix Semiconductor GMS90 Datasheet HTML 13Page - Hynix Semiconductor GMS90 Datasheet HTML 14Page - Hynix Semiconductor GMS90 Datasheet HTML 15Page - Hynix Semiconductor GMS90 Datasheet HTML 16Page - Hynix Semiconductor GMS90 Datasheet HTML 17Page - Hynix Semiconductor GMS90 Datasheet HTML 18Page - Hynix Semiconductor GMS90 Datasheet HTML 19Page - Hynix Semiconductor GMS90 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
GMS90 Series
12
Dec. 1998 Ver 3.0
CPU
The GMS90 series is efficient both as a controller and as an arithmetic processor. It has extensive facilities for
binary and BCD arithmetic and excels in its bit-handling capabilities. Efficient use of program memory results
from an instruction set consisting of 44% one-byte, 41% two-byte, and 15% three-byte instructions. With a 12
MHz crystal, 58% of the instructions are executed in 1.0
µs (40MHz: 300ns).
Special Function Register PSW
Reset value of PSW is 00H.
Bit
Function
CY
Carry Flag
AC
Auxiliary Carry Flag (for BCD operations)
F0
General Purpose Flag
RS1
0
0
1
1
RS0
0
1
0
1
Register Bank select control bits
Bank 0 selected, data address 00H - 07H
Bank 1 selected, data address 08H - 0FH
Bank 2 selected, data address 10H - 17H
Bank 3 selected, data address 18H - 1FH
OV
Overflow Flag
F1
General Purpose Flag
P
Parity Flag
Set/cleared by hardware each instruction cycle to indicate an odd/even
number of "one" bits in the accumulator, i.e. even parity.
CY
AC
F0
RS1 RS0 OV
F1
P
7
6
54
32
10
LSB
MSB
Bit No.
Addr. D0H
PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com