Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS90 Datasheet(PDF) 55 Page - Hynix Semiconductor

Part # GMS90
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS90 Datasheet(HTML) 55 Page - Hynix Semiconductor

Back Button GMS90 Datasheet HTML 51Page - Hynix Semiconductor GMS90 Datasheet HTML 52Page - Hynix Semiconductor GMS90 Datasheet HTML 53Page - Hynix Semiconductor GMS90 Datasheet HTML 54Page - Hynix Semiconductor GMS90 Datasheet HTML 55Page - Hynix Semiconductor GMS90 Datasheet HTML 56Page - Hynix Semiconductor GMS90 Datasheet HTML 57Page - Hynix Semiconductor GMS90 Datasheet HTML 58Page - Hynix Semiconductor GMS90 Datasheet HTML 59Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
GMS90 Series
Dec. 1998 Ver 3.0
51
EPROM Programming and Verification Characteristics
TA= 21°C to 27°C, VCC= 5V + 10%, − 15%; VSS=0V;
Figure 15. EPROM Programming and Verification
Parameter
Symbol
Limit Values
Unit
Min.
Max.
Programming supply voltage
VPP
12.5
13.0
V
Programming supply current
IPP
-50
mA
Oscillator frequency
1/tCLCL
46
MHz
Address setup to PROG low
tAVGL
48tCLCL
--
Address hold after PROG
tGHAX
48tCLCL
--
Data setup to PROG
tDVGL
48tCLCL
--
Data hold after PROG
tGHDX
48tCLCL
--
P2.7 (ENABLE) high to VPP
tEHSH
48tCLCL
--
VPP setup to PROG
tSHGL
10
-
µs
VPP hold after PROG
tGHSL
10
-
µs
PROG width
tGLGL
90
110
µs
Address to data valid
tAVQV
-48tCLCL
-
ENABLE low to data valid
tELQV
-48tCLCL
-
Data float after ENABLE
tEHQZ
048tCLCL
-
PROG high to PROG low
tGHGL
10
-
µs
ADDRESS
ADDRESS
P1.0-P1.7
P2.0-P2.5
P3.4
DATA IN
DATA OUT
PORT 0
ALE/PROG
EA/VPP
P2.7
tGHSL
tGHGL
tAVGL
tGHAX
tGHDX
tEHSH
tSHGL
tDVGL
25 or 10
PULSES
tGLGL
tAVQV
tELQV
tEHQZ
VPP
TTL HIGH
PROGRAMMING
VERIFICATION
(ENABLE)
TTL HIGH
TTL HIGH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com