Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1523 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS1523 Datasheet HTML 10Page - Integrated Circuit Systems ICS1523 Datasheet HTML 11Page - Integrated Circuit Systems ICS1523 Datasheet HTML 12Page - Integrated Circuit Systems ICS1523 Datasheet HTML 13Page - Integrated Circuit Systems ICS1523 Datasheet HTML 14Page - Integrated Circuit Systems ICS1523 Datasheet HTML 15Page - Integrated Circuit Systems ICS1523 Datasheet HTML 16Page - Integrated Circuit Systems ICS1523 Datasheet HTML 17Page - Integrated Circuit Systems ICS1523 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
MDS 1523 Y
14
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
Section 12 Timing Diagrams
Figure 12-1 DPA Operation
DPA Offset = CLK Period * (# of DPA Elements Selected [0x4:4~0]
(# of DPA Elements Available)[0x5:1-0]
Table 12-1 DPA Offset Ranges
Using the DPA above 160 MHz is not recommended. Set DPA_OS = 0 for speeds in excess of 160 MHz to bypass
the DPA. The DPA Resolution Select register (0x5:0~1) is double-buffered. Working registers are loaded only after
a DPA Software reset (0x8=xA)
Register 5
0x4:5-0
Maximum
DPA Clock Range in MHz
1~0
Total # of DPA
Elements
Selected #
of DPA
Elements
Min
Max
00
16
0F
48
160
01
32
1F
24
80
11
64
3F
12
40
HSYNC
DPA Offset when
DPA_OS [5-0] = 0
.
.
.
One full speed clock period
DPA Offset when
DPA_OS [5-0] = 1
DPA Offset when
DPA_OS [5-0] = 2
DPA Offset when
DPA_OS [5-0] = Max
1 unit of DPA delay
2 units of DPA delay
Maximum units of DPA delay
Fixed delay
− See Figure 12-2 and Figure 12-3
1 unit of DPA delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com