Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1523 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # ICS1523
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1523 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button ICS1523 Datasheet HTML 13Page - Integrated Circuit Systems ICS1523 Datasheet HTML 14Page - Integrated Circuit Systems ICS1523 Datasheet HTML 15Page - Integrated Circuit Systems ICS1523 Datasheet HTML 16Page - Integrated Circuit Systems ICS1523 Datasheet HTML 17Page - Integrated Circuit Systems ICS1523 Datasheet HTML 18Page - Integrated Circuit Systems ICS1523 Datasheet HTML 19Page - Integrated Circuit Systems ICS1523 Datasheet HTML 20Page - Integrated Circuit Systems ICS1523 Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
ICS1523
MDS 1523 Y
18
Revision 110905
Integrated Circuit Systems
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
Section 13 AC/DC Operating Conditions
13.1 Absolute Maximum Ratings
Table 13-1 lists absolute maximum ratings for the ICS1523. Stresses above these ratings can cause permanent
damage to the device. These ratings, which are standard values for ICS commercially rated parts, are stress
ratings only. Functional operation of the ICS1523 at these or any other conditions above those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
Table 13-1 ICS1523 Absolute Maximum Ratings
Note: Measured with respect to VSS. During normal operations, the VDD supply voltage for the ICS1523
must remain within the recommended operating conditions.
Table 13-2 Environmental Conditions
Table 13-3 DC Characteristics
Table 13-4 AC Characteristics
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
–
+70
° C
Power Supply Voltage
+3.0
+3.3
+3.6
V
Parameter
Symbol
Conditions
Min.
Max.
UNITS
Digital Supply Current
IDDD
VDDD=3.6V
-
25
mA
Output Driver Supply Current
IDDQ
VDDD=3.6V
No drivers enabled
-6
mA
Analog Supply Current
IDDA
VDDA=3.6V
-
5
mA
Parameter
Symbol
Min.
Max.
Units
Notes
AC Inputs
HSYNC Input Frequency
fHSYNC
15.734
10,000
kHz
0x7:7=1
OSC Input Frequency
fOSC
0.05
100
MHz
0x7:7=0
PDEN Input Frequency
fPDEN
30
120
Hz
Internal VCO Frequency
fVCO
100
500
MHz
Typical Lock Time
tLOCK
20
ms
Item
Rating
VDD, VDDA, VDDQ (measured to VSS)
4.3 V
Digital Inputs
VSS –0.3 V to 5.5 V
Analog Outputs
VSSA –0.3 V to VDDA +0.3 V
Digital Outputs
VSSQ –0.3 V to VDDQ +0.3 V
Storage Temperature
–65°C to +150°C
Junction Temperature
125°C
Soldering Temperature
260°C
ESD Susceptibility*
> 2 KV
(*Electrostatic-sensitive devices. Do not open or handle except in a static-free workstation.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com