Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 2 Page - ATMEL Corporation

  AT697F_14 Datasheet HTML 1Page - ATMEL Corporation AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
2
AT697F
7703E–AERO–08/11
Description
The AT697F is a highly integrated, high-performance 32-bit RISC embedded processor
based on the SPARC V8 architecture. The implementation is based on the European
Space Agency (ESA) LEON2 fault tolerant model. By executing powerful instructions in
a single clock cycle, the AT697F achieves throughputs approaching 1MIPS per MHz,
allowing the system designer to optimize power consumption versus processing speed.
The AT697F is designed to be used as a building block in computers for on-board
embedded real-time applications. It brings up-to-date functionality and performance for
space application.
The AT697F only requires memory and application specific peripherals to be added to
form a complete on-board computer.
The AT697F contains an Integer Unit (IU), a Floating Point Unit (FPU), separate instruc-
tion and data caches, a hardware multiplier and divider, an interrupt controller, two 32-
bit timers and a watchdog, two UARTs, a general-purpose I/O interfaces, a PCI Inter-
face and a flexible memory controller. The design is highly testable with support from an
embedded Debug Support Unit (DSU) with trace buffers and a JTAG interface for
boundary scan.
An idle mode holds the processor pipeline and allows Timer/Counter, Serial ports and
Interrupt system to continue functioning.
The processor is manufactured using the Atmel ATC18RHA CMOS process. It has been
especially designed for space by implementing on-chip concurrent transient and perma-
nent error detection and correction.
The AT697F is pinout compatible with the AT697E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com