Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT697F Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT697F
Description  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 5 Page - ATMEL Corporation

  AT697F_14 Datasheet HTML 1Page - ATMEL Corporation AT697F_14 Datasheet HTML 2Page - ATMEL Corporation AT697F_14 Datasheet HTML 3Page - ATMEL Corporation AT697F_14 Datasheet HTML 4Page - ATMEL Corporation AT697F_14 Datasheet HTML 5Page - ATMEL Corporation AT697F_14 Datasheet HTML 6Page - ATMEL Corporation AT697F_14 Datasheet HTML 7Page - ATMEL Corporation AT697F_14 Datasheet HTML 8Page - ATMEL Corporation AT697F_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 176 page
background image
5
AT697F
7703E–AERO–08/11
These signals carry the EDAC checkbits(1) during a write access to the external memory
and are kept in high impedance otherwise. This applies whatever the EDAC activation
or not.
Note:
1. While only 7 bits are useful for EDAC protection, CB[7] is implemented to enable
programming of FLASH memories and takes the value of MCFG3.tcb[7].
OE* - Output enable (output)
This active low output is asserted during a read access to the external memory. It can
be used as an output enable signal when accessing PROM & I/O devices.
READ - Read enable (output)
This active high output is asserted during a read access to the external memory. It can
be used as a read enable signal when accessing PROM & I/O devices.
WRITE* - Write enable (output)
This active low output is asserted during a write-access to the external memory. It can
be used as a write enable signal when accessing PROM & I/O devices.
RWE*[3:0] - PROM & SRAM byte write-enable (output)
These active low outputs provide individual write strobes for each byte-lane on the data
bus: RWE*[0] controls D[31:24], RWE*[1] controls D[23:16], RWE*[2] controls
D[15:8] and RWE*[3] controls D[7:0], and they are set according to the transaction
width (word/half-word/byte) and the bus width set for the respective area.
BRDY* - Bus ready (input)
When driven low, this input indicates to the processor that the current memory access
can be terminated on the next rising clock edge. When driven high, this input indicates
to the processor that it must wait and not end the current access.
PROM
ROMS*[1:0] - PROM chip-select (output)
These active low outputs provide the chip-select signals for decoding the PROM area.
ROMS*[0] is asserted when the lower half of the PROM area is accessed
(0x00000000 - 0x0FFFFFFF), while ROMS*[1] is asserted when the upper half is
accessed (0x10000000 - 0x1FFFFFFF).
SRAM
RAMS*[4:0] - SRAM chip-select (output)
These active low outputs provide the chip-select signals for decoding five SRAM banks.
RAMOE*[4:0] - SRAM output enable (output)
These active low signals provide an output enable signal for each SRAM bank.
I/O
IOS* - I/O select (output)
This active low output provides the chip-select signal for decoding the memory mapped
I/O area.
SDRAM
SDCLK - SDRAM clock (output)
This signal provides a reference clock for SDRAM memories. It is a copy of the proces-
sor internal clock.
SDCS*[1:0] - SDRAM chip select (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com