Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8534A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 2Page - NXP Semiconductors PCF8534A Datasheet HTML 3Page - NXP Semiconductors PCF8534A Datasheet HTML 4Page - NXP Semiconductors PCF8534A Datasheet HTML 5Page - NXP Semiconductors PCF8534A Datasheet HTML 6Page - NXP Semiconductors PCF8534A Datasheet HTML 7Page - NXP Semiconductors PCF8534A Datasheet HTML 8Page - NXP Semiconductors PCF8534A Datasheet HTML 9Page - NXP Semiconductors PCF8534A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
6 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Type
Description
SOT315-1
Wire bond die
S31 to S59
1 to 29
44 to 72
output
LCD segment output 31 to 59
BP0 to BP3 30 to 33
73 to 76
output
LCD backplane output 0 to 3
n.c.
34 to 37
-
-
not connected; do not connect and do
not use as feed through
SDA
38
1
input/output
I2C-bus serial data input and output
SCL
39
2
input
I2C-bus serial clock input
CLK
40
3
input/output
external clock input and internal clock
output
VDD
41
4
supply
supply voltage
SYNC
42
5
input/output
cascade synchronization input and
output (active LOW)
OSC
43
6
input
enable input for internal oscillator
A0 to A2
44 to 46
7 to 9
input
subaddress counter input 0 to 2
SA0
47
10
input
I2C-bus slave address input 0
VSS
48
11[1]
supply
ground
VLCD
49
12
supply
input of LCD supply voltage
S0 to S30
50 to 80
13 to 43
output
LCD segment output 0 to 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com