Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA194S Datasheet(PDF) 2 Page - IXYS Corporation

Part # PLA194S
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA194S Datasheet(HTML) 2 Page - IXYS Corporation

  PLA194S Datasheet HTML 1Page - IXYS Corporation PLA194S Datasheet HTML 2Page - IXYS Corporation PLA194S Datasheet HTML 3Page - IXYS Corporation PLA194S Datasheet HTML 4Page - IXYS Corporation PLA194S Datasheet HTML 5Page - IXYS Corporation PLA194S Datasheet HTML 6Page - IXYS Corporation PLA194S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
PLA194
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Min
Max
Units
Blocking Voltage
-
600
V
P
Reverse Input Voltage
-
5
V
Input Control Current
-
50
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Package Dissipation 2
-
800
mW
ESD Rating, Human Body Model
8
-
kV
Isolation Voltage, Input to Output
5000
-
V
rms
Operational Temperature
-40
85
ºC
Storage Temperature
-40
125
ºC
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current 1
Continuous, AC/DC Configuration
-
I
L
-
-
130
mA
rms / mADC
Continuous, DC-Only Configuration
-
-
-
200
mA
DC
Peak
t=10ms
I
LPK
-
-
±400
mA
P
On-Resistance 2
AC/DC Configuration
I
L=130mA
R
ON
-26
35
DC-Only Configuration
I
L=200mA
-
-
18
Off-State Leakage Current
V
L=600VP
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, VL=10V
t
on
-
0.85
3
ms
Turn-Off
t
off
-
0.46
2
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-5
-
pF
Input Characteristics
Input Control Current to Activate 3
I
L=130mA
I
F
-
0.44
2
mA
Input Control Current to Deactivate
-
I
F
0.1
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
--
10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-3
-
pF
1 Load current derates linearly from 130mA @ 25ºC to 65mA @ 85ºC.
2 Measurement taken within 1 second of on-time.
3 For applications requiring high temperature operation (greater than 60ºC), a LED drive current of 3mA is recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com