Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLA194S Datasheet(PDF) 4 Page - IXYS Corporation

Part # PLA194S
Description  Single-Pole, Normally Open OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA194S Datasheet(HTML) 4 Page - IXYS Corporation

  PLA194S Datasheet HTML 1Page - IXYS Corporation PLA194S Datasheet HTML 2Page - IXYS Corporation PLA194S Datasheet HTML 3Page - IXYS Corporation PLA194S Datasheet HTML 4Page - IXYS Corporation PLA194S Datasheet HTML 5Page - IXYS Corporation PLA194S Datasheet HTML 6Page - IXYS Corporation PLA194S Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R02
PLA194
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
Temperature (ºC)
-40
-20
0
20
40
60
80
100
15
20
25
30
35
Typical On-Resistance vs. Temperature
(I
F=2mA, IL=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
60
70
80
90
100
110
120
130
140
Maximum Load Current vs. Temperature
AC/DC Configuration
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
80
100
120
140
160
180
200
220
Maximum Load Current vs. Temperature
DC-Only Configuration
(I
F=2mA)
Load Voltage (V)
-4
-3
-2
-1
0
1
2
3
4
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
Typical Load Current vs. Load Voltage
(I
F=2mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
Typical Blocking Voltage
vs. Temperature
600
625
650
675
700
725
750
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
Typical Leakage vs. Temperature
(V
L=600V)
Load Voltage (V)
1
10
100
1000
0
10
20
30
40
50
60
70
80
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.2
0.4
0.6
0.8
1.0
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com