Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-14B Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-14B
Description  Networking System Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-14B Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-14B Datasheet HTML 1Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 2Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 3Page - Integrated Circuit Systems ICS650-14B Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS650-14B
Networking System Clock
MDS 650-14B A
3
Revision 082800
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel• www.icst.com
PRELIMINARY INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (n
note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Ambient Operating Temperature
Industrial "I" version
-40
85
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V
V unless noted)
Operating Voltage, VDD
3
5.5
V
Input High Voltage, VIH, X1 pin only
Clock Input
VDD/2 + 1
V
Input Low Voltage, VIL, X1 pin only
Clock Input
VDD/2 - 1
V
Input High Voltage, VIH, SEL pins only
VDD - 0.5
V
Input Low Voltage, VIL, SEL pins only
0.5
V
Input High Voltage, VIH, OE pin only
2.0
V
Input Low Voltage, VIL, OE pin only
0.8
V
Output High Voltage, VOH
IOH=-12mA
2.4
V
Output Low Voltage, VOL
IOL=12mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
TBD
mA
Short Circuit Current
Each output
±50
mA
AC CHARACTERISTICS (VDD = 3.3V
V unless noted)
Input Frequency
25.000
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
45
50
55
%
Frequency error
All clocks
0
ppm
Absolute Jitter, short term
Variation from mean
TBD
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. CMOS level input, nominal trip point is VDD/2 for 3.3 V or 5 V operation.
External Components
The ICS650R-14B requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01µF should be connected between each VDD and GND on Pins 4 and 6, and Pins 16 and
14, as close to the ICS650R-14B as possible. A series termination resistor of 33
Ω may be used for each
clock output. The 25.00 MHz crystal must be connected as close to the chip as possible. The crystal should
be a fundamental mode (do not use third overtone), parallel resonant. Crystal capacitors should be
connected from pins X1 to ground and X2 to ground to optimize the initial accuracy. The value of these
capacitors is given by the following equation, where CL is the crystal load capacitance: Crystal caps (pF) =
(CL-6) x 2. So for a crystal with 16 pF load capacitance, two 20 pF caps should be used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com