Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9117-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9117-01
Description  Frequency Generator for Modem Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9117-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9117-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9117-01
Pin Configuration
Pin Descriptions
Functionality
X1, X2
(MHz)
PD
PCLK
(MHz)
MCLK
(MHz)
UCLK
(MHz)
14.7456
0
14.7456
40.320
1.8432
14.7456
1
Low
Low
Low
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
X2
OUT
Drive to crystal.
2
X1
IN
Crystal or clock input.
3
GND
PWR
Power supply ground.
4
PD
IN
Power-down signal. Power-down all loops and oscillators.
5
MCLK
OUT
Datapump 40.32 MHz clock output.
6
VDD
PWR
+5V powersupply
7
UCLK
OUT
UART 1.84 MHz data clock output.
8
PCLK
OUT
Microcontroller 14.7 MHz clock output.
8-PIN SOIC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com