Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9117-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9117-01
Description  Frequency Generator for Modem Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9117-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9117-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9117-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
XTAL
OSC
PCLK
UCLK
MCLK
PLL
CLOCK
GEN
÷8
X2
14.7456
MHz
X1
PD
•
Generates the 14.7456 MHz microcontroller, 40.320
MHz datadump and 1.84320 UART clocks
•
Less than ±80 ppm frequency variation including
temperature, voltage, load and aging tolerances
•
Single crystal reference minimizes crystal reliability
and inventory issues
•
80 ps one sigma jitter maintains 16-bit performance
•
Output rise/fall times less than 1.5 ns
•
On-chip loop filter components
•
3.0 V - 5.5 V supply range
•
8-pin, 150-mil SOIC package
Applications
•
Specifically designed to support the high performance
of fax/data modems
9117-01 RevA 052297P
Pentium is a trademark of Intel Corporation
PowerPC is a trademark of Motorola Corporation
Frequency Generator for Modem Systems
ICS9117-01
The ICS9117-01 is a low-cost, high-performance frequency
generator designed to support fax/data modem systems.
Datapump and UART clocks are synthesized from a
microcontroller crystal using high-accuracy, low-jitter PLLs,
meeting the frequency tolerance and -96dB signal-to-noise
ratios required by 16-bit DSP modem systems. Fast output
clock edge rates minimize board induced jitter.
Exact frequency multiplying ratios ensure better than ±80
ppm frequency accuracy using a standard AT crystal with
external load capacitors (typically 33pF ±5% for an 18pF
series load crystal).
Achieving ±80ppm over four years
requires the crystal to have 20 ppm initial accuracy, ±20 ppm
temperature and ±5 ppm/year aging coefficients.
Block Diagram
PRODUCT PREVIEW documents contain information on products in the formative or
design phase development. Charactersitic data and other specifications are design
goals. ICS reserves the right to change or discontinue these procucts without notice.


Similar Part No. - ICS9117-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
ICS9112-16 ICST-ICS9112-16 Datasheet
119Kb / 7P
Low Skew Output Buffer
Rev F 10/20/00
ICS9112-17 ICST-ICS9112-17 Datasheet
151Kb / 8P
Low Skew Output Buffer
Rev G 10/20/00
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS9112-26 ICST-ICS9112-26 Datasheet
74Kb / 4P
Low Skew Output Buffer
More results

Similar Description - ICS9117-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9120-49 ICST-ICS9120-49 Datasheet
107Kb / 5P
Frequency Generator for CD-ROM Systems
Rev A 072296
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com