Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB6M Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MB6M
Description  Surface Mount Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MB6M Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MB6M Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MB6M Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Surface Mount Bridge Rectifier
FEATURES
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• Glass passivated chip junctions
• High surge overload rating: 35A peak
• Saves space on printed circuit boards
• Recommended for non-automotive applications
Mechanical Data
• Case: Molded plastic body over passivated junctions
• Terminals: Plated leads solderable per MIL-STD-750,Method 2026
• Mounting Position: Any
Maximum Ratings and
Electrical Characteristics
(Ta=25
unless otherwise noted)
Parameter
Symbols
MB2M
MB4M
MB6M
MB8M
MB10M
Units
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
200
400
600
800
1000
Volts
Maximum average forward output rectified current
(see Fig.1)
on glass-epoxy P.C.B.
on aluminum substrate
IF(AV)
0.5 (1)
0.8 (2)
Amp
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
35.0
Amps
Rating for fusing (t < 8.3ms)
I2t
5.0
A2sec
Maximum instantaneous forward voltage drop per leg at 0.4A
VF
1.0
Volt
Maximum DC reverse current at
AT = 25oC
rated DC blocking voltage per leg
AT = 125oC
IR
5.0
100
uA
Typical thermal resistance per leg
RθJA
RθJA
RθJL
85 (1)
70 (2)
20 (1)
oC/W
Typical junction capacitance per leg (3)
CJ
13
pF
Operating junction and storage temperature range
-55 to +150
oC
MB2M --- MB10M
J
T
G
S
T
T
,
.019(0.5)
.031(0.8)
.006(.15)
.014(.35)
.177(4.5)
.217(5.5)
.217(5.5)
.256(6.5)
.035(0.9)
.051(1.3)
.146(3.7)
.165(4.2)
090(2 3)
.106(2.7)
.090(2.3)
.106(2.7)
.177(4.5)
.193(4.9)
.019(0.5)
.031(0.8)
.106(2.7)
.090(2.3)
+ -
~ ~
C0.5
MBM
Dimensions in inches and (millimeters)
.
.
MAKO Semiconductor Co., Limited
4008-378-873
www.makosemi.hk


Similar Part No. - MB6M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB6M GE-MB6M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6M MCC-MB6M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB6M TAITRON-MB6M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB6M GOOD-ARK-MB6M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB6M VISHAY-MB6M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
More results

Similar Description - MB6M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S_13 Datasheet
91Kb / 5P
Surface Mount Bridge Rectifier
19-Aug-13
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com