Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9176-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9176-01
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9176-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9176-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS9176-01
Absolute Maximum Ratings
VDD referenced to GND . . . . . . . . . . . . . . . . . . . . . . 7V
Operating temperature under bias. . . . . . . . . . . . . . . . 0°C to +70°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Voltage on I/O pins referenced to GND. . . . . . . . . . . GND -0.5V to VDD +0.5V
Power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Electrical Characteristics
DC Characteristics
VDD =+5V±5%, TA=0°C to 70°C unless otherwise stated
Note:
1. Guaranteed by design and characterization. Not subject to 100% test.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
VDD=5V
-
-
0.8
V
Input High Voltage
VIH
VDD=5V
2.0
-
-
V
Input Current
Ii
VIN=0V, 5V
-5
-
5
µA
Output Low Voltage
VOL
@IOL=14mA
-
0.25
0.4
V
Output Low Current
IOL
@VOL=0.8V
33
42
-
mA
Output High Voltage
1
VOH
@IOH=-38mA
2.4
-
-
V
Output High Current
1
IOH
@VOH=2.0V
-
-59
-41
mA
Supply Current, Normal
Mode
IDD
Unloaded outputs,
@ 66.6 Mhz
-55
75
mA
Supply Current, Power-
down Mode
IDD-PD
T1, T0=0, 0
-
2.0
10.0
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com