Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9176-01 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9176-01
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9176-01 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS9176-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9176-01
ICS XXXX- M PPP
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
Q=PLCC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device
Ordering Information
ICS9176Q-01
Example:
PLCC Package
LEAD COUNT
FRAME
THICKNESS
TF
±.0003
PKG.
THICKNESS
TP
±.004
PKG. WIDTH
TOP
WT
±.004
PKG. WIDTH
BOTTOM
WB
±.006
OVERALL
PKG. WIDTH
WO
±.005
CONTACT
WIDTH
WO
+.010/-.030
28L
0.010
0.152
0.450
0.453
0.490
0.420



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com