Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-97 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-97
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-97 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-97 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9248-97
Pin Descriptions
The ICS9248-97 is a main clock synthesizer chip for Pentium II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used with a Direct Rambus Clock Generator(DRCG) chip such as the
ICS9212-01.
Spread Spectrum may be enabled by driving the SPREAD# pin active. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-97
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
The CPU/2 clocks are inputs to the DRCG.
General Description
Pin number
Pin name
Type
Description
1, 7, 13, 19, 25, 31 GND
PWR
Ground pins
2
REF0
OUT
14.318MHz reference clock outputs at 3.3V
REF1
OUT
14.318MHz reference clock outputs at 3.3V
SEL24_48
IN
Logic input to select 24 or 48MHz for pin 26 output
4, 10, 16, 23,
28, 35
VDD
PWR
Power pins 3.3V
5
X1
IN
XTAL_IN 14.318MHz crystal input
6
X2
OUT
XTAL_OUT Crystal output
PCICLK_F
OUT
Free running PCI clock at 3.3V. Synchronous to CPU clocks. Not
affected by the PCI_STOP# input.
FS0
IN
Logic - input for frequency selection
PCICLK0
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS1
IN
Logic - input for frequency selection
PCICLK1
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS2
IN
Logic - input for frequency selection
PCICLK2
OUT
PCI clock output at 3.3V. Synchronous to CPU clocks.
FS3
IN
Logic - input for frequency selection
22, 21, 20, 18, 17,
15, 14
PCICLK (9:3)
OUT
PCI clock outputs at 3.3V. Synchronous to CPU clocks.
24
PD#
IN
This asynchronous input powers down the chip when drive
active(Low). The internal PLLs are disabled and all the output clocks
are held at a Low state.
26
24_48MHz
OUT
24 or 48MHz output selectable by
SEL24_48# (0=48MHz 1=24MHz)
48MHz
OUT/IN
Fixed 48MHz clock output. 3.3V
FS4
IN
Logic - input for frequency selection
29
SCLK
IN
Clock input of I
2
C input
30
SDATA
IN
Data input for I
2
C serial input.
32, 33, 34
3V66 (2:0)
OUT
3.3V clock outputs. These outputs are stopped when CPU_STOP#
is driven active..
36
GNDLCPU
PWR
Ground pin for the CPUCLKs
37, 38, 40
CPUCLK (2:0)
OUT
Host bus clock output at 2.5V.
39
VDDLCPU
PWR
Power pin for the CPUCLKs. 2.5V
41
GNDLCPU/2
PWR
Ground pin for the CPU/2 clocks.
42
CPU/2
OUT
2.5V clock outputs at 1/2 CPU frequency.
43
VDDLCPU/2
PWR
Power pin for the CPU/2 clocks. 2.5V
45
GNDLAPIC
PWR
Ground pin for the IOAPIC outputs.
44, 46, 47
IOAPIC (2:0)
OUT
IOAPIC clocks at 2.5V. Synchronous with CPUCLKs.
48
VDDLAPIC
PWR
Power pin for the IOAPIC outputs. 2.5V.
27
12
3
8
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com