Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-97 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-97
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-97 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-97 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-97 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248-97
Functionality
FS4
FS3
FS2
FS1
FS0
CPU
CPU/2
PCI
3V 66
IOAPIC
0
0
0
0
0
103.0
51.50
34.33
68.67
17.17
0
0
0
0
1
105.0
52.50
35.00
70.00
17.50
0
0
0
1
0
100.3
50.15
33.43
66.87
16.72
0
0
0
1
1
100.9
50.45
33.63
67.27
16.82
0
0
1
0
0
107.0
53.50
35.67
71.33
17.83
0
0
1
0
1
109.0
54.50
36.33
72.67
18.17
0
0
1
1
0
112.0
56.00
37.33
74.67
18.67
0
0
1
1
1
114.0
57.00
38.00
76.00
19.00
0
1
0
0
0
116.1
58.50
38.70
77.40
19.35
0
1
0
0
1
118.0
59.00
39.33
78.67
19.67
0
1
0
1
0
133.3
66.65
33.33
66.65
16.66
0
1
0
1
1
120.0
60.00
40.00
80.00
20.00
0
1
1
0
0
122.0
61.00
40.67
81.33
20.33
0
1
1
0
1
125.1
62.55
41.70
83.40
20.85
0
1
1
1
0
128.2
64.10
42.73
85.47
21.37
0
1
1
1
1
130.0
65.00
43.33
86.67
21.67
1
0
0
0
0
133
66.5
44.33
88.67
22.17
1
0
0
0
1
133.9
66.95
33.48
66.95
16.74
1
0
0
1
0
138
69
34.5
69
17.25
1
0
0
1
1
142
71
35.5
71
17.75
1
0
1
0
0
146
73
36.5
73
18.25
1
0
1
0
1
150
75
37.5
75
18.75
1
0
1
1
0
153
76.5
38.25
76.5
19.13
1
0
1
1
1
156
78
39
78
19.5
1
1
0
0
0
159.1
79.55
39.78
79.55
19.89
1
1
0
0
1
162
81
40.5
81
20.25
1
1
0
1
0
165
82.5
41.25
82.5
20.63
1
1
0
1
1
168
84
42
84
21
1
1
1
0
0
171
85.5
42.75
85.5
21.38
1
1
1
0
1
174
87
43.5
87
21.75
1
1
1
1
0
177
88.5
44.25
88.5
22.13
1
1
1
1
1
180
90
45
90
22.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com