Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-13 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9250-13
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-13 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9250-13 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
ICS9250-13
Electrical Characteristics - CPUCLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -8.0 mA
2
2.4
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.32
0.4
V
Output High Current
IOH2B
VOH =1.7 V
-37
-16
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.3
1.9
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.5
1.9
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
50
55
%
Skew
tsk2B
1
VT = 1.25 V
78
175
ps
Jitter, Cycle-to-cycle
tjcyc-cyc2B
1
VT = 1.25 V, Normal or Spread mode
170
350
ps
Jitter, One Sigma
tj1σ2B
1
VT = 1.25 V
45
150
ps
Jitter, Absolute
tjabs2B
1
VT = 1.25 V
-250
120
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -25 mA
2.4
2.85
V
Output Low Voltage
VOL3
IOL = 20 mA
0.35
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-60
-40
mA
Output Low Current
IOL3
VOL = 0.8 V
35
45
mA
Rise Time
Tr3
1
VOL = 0.4 V, VOH = 2.4 V
1.6
2.4
ns
Fall Time
Tf3
1
VOH = 2.4 V, VOL = 0.4 V
1.8
2.2
ns
Duty Cycle
Dt3
1
VT = 1.5 V
46
52
56
%
Skew
1
Tsk1
VT = 1.5 V
325
500
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com