Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-13 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9250-13
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-13 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9250-13 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ICS9250-13
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Current
IDD2.5OP
CL = 0 pF; Select @ 66.8 MHz
20
mA
Skew
1
TCPU-PCI2
VT=1.5 V; VTL=1.25 V
1
2.15
4
ns
TCPU-SDRAM2 VT=1.5 V;VTL=1.25 V
70
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V ±5% VDDL = 2.5V ± 5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
Operating Supply Current
IDD2.5OP
CL = 0 pF; Select @ 66MHz
160
mA
Input Frequency
Fi
VDD = 3.3 V
12
14.32
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
27
36
45
pF
Transition Time
1
TTrans
To 1st crossing of target Freq.
1.3
2
ms
Settling Time
1
Ts
0.3
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
< 2
2
ms
TCPU-PCI2
VT = 1.5 V
1
2.15
4
ns
TCPU-SDRAM2 VT = 1.5 V
70
500
ps
1Guaranteed by design, not 100% tested in production.
Input Capacitance
1
Skew
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com