Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-26 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9250-26
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-26 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9250-26 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
ICS9250-26
Electrical Characteristics - Input/Supply/Common Output Paramete
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5% , VDDL = 2.5 V +/-5% (unles s otherwis e s tated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Input High Voltage
VIH
2VDD +0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input Hig h Current
IIH
VIN = VDD
-5
5
µA
IIL1
VIN = 0 V; Inputs with no pull-up res is tors
-5
2
IIL2
VIN = 0 V; Inputs with pull-up res is tors
-200
-100
CL = 0 pF; Select @ 66 M Hz
97
110
CL = 0 pF; Select @ 100 M Hz
91
105
CL = 0 pF; Select @ 133 M Hz
100
130
CL = Max loads; Select @ 66 M Hz
275
310
CL = Max loads; Select @ 100 M Hz
267
300
CL = M ax loads; Select @ 133 M Hz
278
350
CL = 0 pF; Select @ 66 M Hz
8
10
CL = 0 pF; Select @ 100 M Hz
11
15
CL = 0 pF; Select @ 133 M Hz
13
20
CL = M ax loads; Select @ 66 M Hz
22
70
CL = M ax loads; Select @ 100 M Hz
31
100
CL = M ax loads; Select @ 133 M Hz
37
130
IDD3.3P D
CL = M ax loads
220
400
IDD.25P D
Input address VDD or GND
<1
10
Input Frequency
Fi
VDD = 3.3 V
12
14.318
16
M Hz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
45
pF
Trans ition time
1
Ttrans
To 1s t cros s ing of target frequency
5
ms
Settling time
1
Ts
From 1s t cros s ing to 1% target frequency
5
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target frequency
5
ms
tPZH,tPZL
Output enab le delay (all outputs )
1
10
ns
tPHZ,tPLZ
Output dis able delay (all outputs )
1
10
ns
1
Guaranteed by des ign, not 100% tes ted in production.
Delay
1
mA
mA
Input Capacitance
1
IDD2.5OP
µA
Po werdown C urrent
Operating Supply
C urrent
Input Low Current
µA
mA
mA
IDD3.3OP
Absolute Maximum Ratings
Core Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . 4.6 V
I/O Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 115°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com