Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-26 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-26
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-26 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-26 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-26 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-26
Third party brands and names are the property of their respective owners.
Block Diagram
9250-26 Rev B 01/19/01
Recommended Application:
810/810E type chipset. Provides three CPU speeds
(66.6, 100, 133MHz) with SDRAM = 133.3MHz.
Output Features:
•
3 CPU (2.5V) 66.6/133.3MHz (up to 150MHz
achievable through I
2C)
•
9 SDRAM (3.3V) @ 133.3MHz (up to 150MHz
achievable through I
2C)
•
8 PCI (3.3 V) @33.3MHz
•
2 IOAPIC (2.5V) @ 33.3 MHz
•
2 Hublink clocks (3.3 V) @ 66.6 MHz
•
2 USB (3.3V) @ 48 MHz ( Non spread spectrum)
•
1 REF (3.3V) @ 14.318 MHz
Features:
•
Supports spread spectrum modulation ,
down spread 0 to -0.5% and ± 0.25% center spread.
•I
2C support for power management
•
Efficient power management scheme through PD#
•
Uses external 14.138 MHz crystal
•
Alternate frequency selections available through I
2C
control.
Functionality
Pin Configuration
56-Pin 300mil SSOP
* This input has a 120K
Ω pull-down to GND.
*FS2//REF0
VDD0
X1
X2
GND0
GND1
3V66-0
3V66-1
VDD1
VDD2
PCICLK0
PCICLK1
PCICLK2
GND2
PCICLK3
PCICLK4
GND2
PCICLK5
PCICLK6
PCICLK7
VDD2
VDD3
GND3
GND4
48MHz_0
48MHz_1
VDD4
FS0
GNDL1
IOAPIC0
IOAPIC1
VDDL1
CPUCLK0
VDDL0
CPUCLK1
CPUCLK2
GNDL0
GND5
SDRAM0
SDRAM1
VDD5
SDRAM2
SDRAM3
GND5
SDRAM4
SDRAM5
VDD5
SDRAM6
SDRAM7
GND5
SDRAM_F
VDD5
PD#
SCLK
SDATA
FS1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2
S
F1
S
F0
S
Fn
o
i
t
c
n
u
F
X0
0
e
t
a
t
s
i
r
T
X0
1
t
s
e
T
01
0
z
H
M
6
6
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
01
1
z
H
M
0
0
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
11
1
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
11
0
)
n
o
i
t
i
d
n
o
C
l
a
i
c
e
p
S
(
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
3
3
1
=
M
A
R
D
S
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-26

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
Frequency Generator for P IV?
Rev B 12/08/00
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
More results

Similar Description - ICS9250-26

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com