Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-28 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-28 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9250-28 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
ICS9250-28
Byte 3: ICS Reserved Functionality and frequency select register (Default as noted in PWD)
2
S
F0
S
F1
S
FU
P
CM
A
R
D
S6
6
V
3I
C
Pz
H
M
8
4F
E
RC
I
P
A
O
I
00
X
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
01
X
2
/
K
L
C
T2
/
K
L
C
T3
/
K
L
C
T6
/
K
L
C
T2
/
K
L
C
TK
L
C
T6
/
K
L
C
T
10
0
z
H
M
6
.
6
6z
H
M
0
0
1z
H
M
6
.
6
6z
H
M
3
.
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1z
H
M
3
.
3
3
11
0
z
H
M
0
0
1z
H
M
0
0
1z
H
M
6
.
6
6z
H
M
3
.
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1z
H
M
3
.
3
3
10
1
z
H
M
3
3
1z
H
M
3
3
1z
H
M
6
.
6
6z
H
M
3
.
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1z
H
M
3
.
3
3
111
z
H
M
3
3
1z
H
M
0
0
1z
H
M
6
.
6
6z
H
M
3
.
3
3z
H
M
8
4z
H
M
8
1
3
.
4
1z
H
M
3
.
3
3
Truth Table
Note 1: For system operation, the BSEL lines of the CPU will program FS0, FS2 for the appropriate CPU speed, always
with SDRAM = 100MHz. After BIOS verifies the SDRAM is PC133 speed, then bit 0 can be written from the
default 0 to 1 to change the SDRAM output frequency from 100MHz to 133MHz. This will only change if the
CPU is at the 133MHz FSB speed as shown in this table. The CPU, 3V66, PCI, and IOAPIC clocks will be glitch
free during this transition, and only SDRAM will change.
Note 2: "ICS RESERVED BITS" must be writtern as "0".
Note3: Undefined bits can be written either as "1 or 0"
t
i
Bn
o
i
t
p
i
t
c
s
e
DD
W
P
7
t
i
B)
2
e
t
o
N
(
t
i
b
d
e
v
r
e
s
e
R
S
C
I
0
6
t
i
B)
2
e
t
o
N
(
t
i
b
d
e
v
r
e
s
e
R
S
C
I
0
5
t
i
B)
2
e
t
o
N
(
t
i
b
d
e
v
r
e
s
e
R
S
C
I
0
4
t
i
B)
2
e
t
o
N
(
t
i
b
d
e
v
r
e
s
e
R
S
C
I
0
3
t
i
B)
2
e
t
o
N
(
t
i
b
d
e
v
r
e
s
e
R
S
C
I
0
2
t
i
B)
3
e
t
o
N
(
t
i
b
d
e
n
i
f
e
d
n
U
X
1
t
i
B)
3
e
t
o
N
(
t
i
b
d
e
n
i
f
e
d
n
U
X
0
t
i
B
0
t
i
B0
S
F1
S
F
K
L
C
U
P
C
z
H
M
M
A
R
D
S
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
C
I
P
A
O
I
z
H
M
0
1
e
t
o
N
000
6
6
.
6
60
.
0
0
16
6
.
6
63
3
.
3
33
3
.
3
3
01
0
0
.
0
0
10
.
0
0
16
6
.
6
63
3
.
3
33
3
.
3
3
00
1
2
3
.
3
3
12
3
.
3
3
16
6
.
6
63
3
.
3
33
3
.
3
3
01
1
2
3
.
3
3
10
.
0
0
16
6
.
6
63
3
.
3
33
3
.
3
3
10
0
6
6
.
6
60
.
0
0
16
6
.
6
63
3
.
3
33
3
.
3
3
11
0
0
.
0
0
10
.
0
0
16
6
.
6
63
3
.
3
33
3
.
3
3
10
1
2
3
.
3
3
12
3
.
3
3
16
6
.
6
63
3
.
3
33
3
.
3
3
111
2
3
.
3
3
12
3
.
3
3
16
6
.
6
63
3
.
3
33
3
.
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com