Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-28 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-28
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-28 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-28 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-28 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-28
Third party brands and names are the property of their respective owners.
Block Diagram
9250-28 Rev B 10/26/00
Recommended Application:
810/810E and 815 type chipset.
Output Features:
•
2 CPU (2.5V) (up to 133MHz achievable through I
2C)
•
13 SDRAM (3.3V) (up to 133MHz achievable
through I
2C)
•
2 PCI (3.3 V) @33.3MHz
•
1 IOAPIC (2.5V) @ 33.3 MHz
•
3 Hublink clocks (3.3 V) @ 66.6 MHz
•
2 (3.3V) @ 48 MHz (Non spread spectrum)
•
1 REF (3.3V) @ 14.318 MHz
Features:
•
Supports spread spectrum modulation,
0 to -0.5% down spread.
•I
2C support for power management
•
Efficient power management scheme through PD#
•
Uses external 14.138 MHz crystal
•
Alternate frequency selections available through I
2C
control.
Functionality
Pin Configuration
56-Pin 300mil SSOP
* This input has a 50K
W pull-down to GND.
IOAPIC
VDDL
GND
*FS1/REF0
VDDREF
X1
X2
GND
VDD3V66
3V66_0
3V66_1
3V66_2
GND
VDDPCI
PCICLK0
PCICLK1
GND
FS0
GND
VDDA
PD#
SCLK
SDATA
GND
VDD48
48MHz_0
48MHz_1
FS2
VDDL
GND
CPUCLK0
CPUCLK1
GND
SDRAM0
SDRAM1
VDDSDR
GND
SDRAM2
SDRAM3
SDRAM4
VDDSDR
GND
SDRAM5
SDRAM6
VDDSDR
GND
SDRAM7
SDRAM8
SDRAM9
VDDSDR
GND
SDRAM10
SDRAM11
VDDSDR
GND
SDRAM12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2
S
F0
S
F1
S
Fn
o
i
t
c
n
u
F
00
X
e
t
a
t
s
i
r
T
01
X
t
s
e
T
10
0
z
H
M
6
6
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
11
0
z
H
M
0
0
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
10
1
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
3
3
1
=
M
A
R
D
S
11
1
z
H
M
3
3
1
=
U
P
C
e
v
i
t
c
A
z
H
M
0
0
1
=
M
A
R
D
S
REF0
CPU66/100/133 [1:0]
3V66 (2:0)
SDRAM (12:0)
PCICLK (1:0)
IOAPIC
PLL2
48MHz (1:0)
X1
X2
XTAL
OSC
Control
Logic
Config
Reg
FS(2:0)
PD#
2
2
3
13
2
/2
/2
/3
/2
PLL1
Spread
Spectrum
SDATA
SCLK
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.
Power Groups
Analog
VDDREF = X1, X2
VDDA = PLL1
VDD48 = PLL2
Digital
VDD3V66, VDDPCI
VDDSDR, VDDL


Similar Part No. - ICS9250-28

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-28 RENESAS-ICS9250-28 Datasheet
513Kb / 18P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9250-28

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com