Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2120 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
FIGURE 10:
Companding Noise Reduction System
FIGURE 11:
Companding Noise Reduction with 2:1 Compres-
sion/Expansion Ratio
INPUT SIGNAL
INCREASE (dB)
∆V
CONTROL
–
(mV/dB)
R
C/E Ω
COMPRESSION/
EXPANSION RATIO
EXPANDER
ONLY
OUTPUT SIGNAL
INCREASE (dB)
COMPRESSOR
ONLY
OUTPUT SIGNAL
INCREASE (dB)
GAIN
(REDUCTION
OR INCREASE)
(dB)
20
20
20
20
20
20
20
20
6.67
10.00
13.33
15.00
16.00
17.33
18.00
20.00
22.67
30.00
33.33
35.00
36.00
37.33
38.00
40.00
13.33
10.00
6.67
5.00
4.00
2.67
2.00
0
1.5:1
2:1
3:1
4:1
5:1
7.5:1
10:1
AGC*/Limiter
11,800
7,800
5,800
5,133
4,800
4,415
4,244
3,800
2.0
3.0
4.0
4.5
4.8
5.2
5.4
6.0
*AGC for Compression Only
TABLE 1
COMPANDING NOISE REDUCTION SYSTEM
A complete companding noise reduction system is shown in Fig-
ure 10. Normally, to obtain an overall gain of unity, the value of
R
C
is equal to R
E
. The values of R
C/E
will determine the compres-
sion/expansion ratio.
Table 1 shows compression/expansion ratios ranging from 1.5:1
to full limiting with the corresponding values of R
C/E
.
An example of a 2:1 compression/expansion ratio is plotted in
Figure 11. Note that signal compression increases gain for low
level signals and reduces gain for high levels while expansion
does the reverse. The net result for the system is the same as
the original input signal except that it has been compressed be-
fore being sent to a given medium and expanded after recovery.
The compression/expansion ratio needed depends on the me-
dium being used. As an extreme example, a household tape
player would require a higher compression/expansion ratio than
a professional stereo system.
INPUT SIGNAL LEVEL (dB)
20
0
–20
–40
–60
–80
–80
–60
–40
–20
0
20
25dB
2:1
COMPRESSION
OVERALL
RESPONSE
2:1
EXPANSION
IREF
≅ 3µA
RREF = 4.7MΩ
~
~
10k
Ω
200
Ω
2200pF
SIGNAL
INPUT
47
Ω
200
Ω
+
–
36
Ω
10pF
–VC
|IIN|
V+
+
–
10k
Ω
V+
39k
Ω
1k
Ω
V–
4.7M
Ω
1
µF
TRANSMISSION
OR
STORAGE
MEDIUM
47
Ω
2200pF
200
Ω
–VC
200
Ω
200
Ω
200
Ω
–VC
200
Ω
+VC
+
–
SIGNAL
OUTPUT
10pF
36k
Ω
REC
IN
+
–
39k
Ω
1k
Ω
4.7M
Ω
1
µF
|IIN|
10k
Ω RECIN
1k
Ω
4.7M
Ω
1
µF
39k
Ω
10k
Ω
V+
RC
+
–
LOG AV
LOG AV
V+
RE
36k
Ω
+VC
+
1
µF
+
1
µF
36k
Ω
V–
V–
V–
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com