Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2120 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2120
Description  DYNAMIC RANGE PROCESSOR DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2120 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2120 Datasheet HTML 4Page - Analog Devices SSM2120 Datasheet HTML 5Page - Analog Devices SSM2120 Datasheet HTML 6Page - Analog Devices SSM2120 Datasheet HTML 7Page - Analog Devices SSM2120 Datasheet HTML 8Page - Analog Devices SSM2120 Datasheet HTML 9Page - Analog Devices SSM2120 Datasheet HTML 10Page - Analog Devices SSM2120 Datasheet HTML 11Page - Analog Devices SSM2120 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
DYNAMIC FILTER WITH DOWNWARD EXPANDER
A composite single-ended noise reduction system can be real-
ized by a combination of dynamic filtering and a downward ex-
pander. As shown in Figure 14, the output from the wideband
detector can also be connected to the +V
C
control port of the
second VCA which is connected in series with the sliding filter.
This will act as a downward expander with a threshold that tracks
that of the filter. Although both of these techniques are used for
noise reduction, each alone will pass appreciable amounts of
noise under some conditions. When used together, both con-
tribute distinct advantages while compensating for each other’s
deficiencies.
Downward expansion uses a VCA controlled by the level detec-
tor. This section maintains dynamic range integrity for all levels
above the user adjustable threshold level. As the input level
decreases below the threshold, gain reduction occurs at an in-
creasing rate (see Figure 15). This technique reduces audible
noise in fade outs or low level signal passages by keeping the
standing noise floor well below the program material.
This technique by itself is less effective for signals with predomi-
nantly low frequency content such as a bass solo where wide-
band frequency noise would be heard at full level. Also, since
the level detector has a time constant for signal averaging, per-
cussive material can modulate the noise floor causing a “pump-
ing” or “breathing” effect.
The dynamic filter and downward expander techniques used to-
gether can be employed more subtly to achieve a given level of
noise reduction than would be required if used individually. Up
to 30dB of noise reduction can be realized while preserving the
crisp highs with a minimum of transient side effects.
FIGURE 14:
Dynamic Filter with Downward Expander
FIGURE 15:
Typical Downward Expander I/O Characteristics
at –30dB Threshold Level (1:1.5 Ratio)
+20
+20
–30
–30
–40
–45
–60
–75
–50
-60
+
–
RIN2
REC
IN
IN |IIN|
LOG AV
CAV2
1.5M
Ω
+
1k
Ω
V–
+
–
RIN1
IN |IIN|
V+
LOG AV
CAV1
V–
1.5M
Ω
+
1k
Ω
V–
39k
Ω
5.6k
Ω
CON
OUT
39k
Ω
12k
Ω
200
Ω
+VC
–VC
200
Ω
200
Ω
200
Ω
–
+
36k
Ω
SIGNAL
OUTPUT
36k
Ω
36k
Ω
36k
Ω
DOWNWARD EXPANDER
100pF
NOISE FILTER
THRESHOLD
V+
V–
FC = 5kHz
FC ≤ 20Hz
REC
IN
V+
V–
CON
OUT
160k
Ω
160k
Ω
+VC
–VC
12k
Ω
–
+
–
+
47
Ω
2200pF
SIGNAL
INPUT
36k
Ω
47
Ω
36k
Ω
2200pF
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com