Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSF2N60 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MSF2N60
Description  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSF2N60 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MSF2N60 Datasheet HTML 1Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 2Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 3Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 4Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 5Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 6Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 7Page - Bruckewell Technology LTD MSF2N60 Datasheet HTML 8Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MSF2N60
600V N-Channel MOSFET
Publication Order Number: [MSF2N60]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS = 300 V, ID = 2 A,
RG = 25 Ω
--
8
30
ns
tr
Turn-On Time
--
23
60
ns
td(off)
Turn-Off Delay Time
--
25
60
ns
tf
Turn-Off Fall Time
--
28
70
ns
Source-Drain Diode Maximum Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source-Drain Diode Forward Current
--
--
2.0
A
ISM
ISM Pulsed Source-Drain Diode Forward Current
--
--
6.0
VSD
Source-Drain Diode Forward Voltage
IS = 2 A , VGS = 0 V
--
--
1.4
V
trr
Reverse Recovery Time
IS = 2 A , VGS = 0 V
diF/dt=100A/μs
--
230
--
ns
Qrr
Reverse Recovery Charge
--
1.0
--
μC
Notes;
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L=55mH, IAS=2A, VDD=50V, RG=25Ω, Starting TJ=25℃
3. ISD≦2A, di/dt≦200A/μs,VDD≦BVDSS, Starting TJ=25℃
4. Pulse Test: Pulse Width
≦ 300μs, Duty Cycle≦ 2%
5. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com