Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD548 Datasheet(PDF) 7 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices AD548 Datasheet HTML 9Page - Analog Devices AD548 Datasheet HTML 10Page - Analog Devices AD548 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD548
TPC 19c. Unity Gain Follower
Pulse Response (Small Signal)
TPC 19b. Unity Gain Follower
Pulse Response (Large Signal)
TPC 20c. Unity Gain Inverter
Pulse Response (Small Signal)
TPC 20b. Utility Gain Inverter
Pulse Response (Large Signal)
APPLICATION NOTES
The AD548 is a JFET-input op amp with a guaranteed maxi-
mum IB of less than 10 pA, and offset and drift laser-trimmed to
0.5 mV and 5
µV/°C, respectively (AD548B). AC specs include
1 MHz bandwidth, 1.8 V/
µs typical slew rate and 8 µs settling time
for a 20 V step to
± 0.01%—all at a supply current less than
200
µA. To capitalize on the device’s performance, a number of
error sources should be considered.
The minimal power drain and low offset drift of the AD548
reduce self-heating or “warm-up” effects on input offset voltage,
making the AD548 ideal for on/off battery-powered applica-
tions. The power dissipation due to the AD548’s 200
µA supply
current has a negligible effect on input current, but heavy out-
put loading will raise the chip temperature. Since a JFET’s
input current doubles for every 10
°C rise in chip temperature,
this can be a noticeable effect.
The amplifier is designed to be functional with power supply
voltages as low as
±4.5 V. It will exhibit a higher input offset
voltage than at the rated supply voltage of
±15 V, due to power
supply rejection effects. The common-mode range of the AD548
extends from 3 V more positive than the negative supply to 1 V
more negative than the positive supply. Designed to cleanly
drive up to 10 k
Ω and 100 pF loads, the AD548 will drive a 2
k
Ω load with reduced open-loop gain.
OFFSET NULLING
Unlike bipolar input amplifiers, zeroing the input offset voltage
of a BiFET op amp will not minimize offset drift. Using balance
Pins 1 and 5 to adjust the input offset voltage as shown in
Figure 1 will induce an added drift of 0.24
µV/°C per 100 µV of
nulled offset. The low initial offset (0.5 mV) of the AD548B
results in only 0.6
µV/°C of additional drift.
REV. D
–7–
TPC 19a. Unity Gain Follower
TPC 20a. Utility Gain Inverter
Figure 1. Offset Null Configuration
LAYOUT
To take full advantage of the AD548’s 10 pA max input current,
parasitic leakages must be kept below an acceptable level. The
practical limit of the resistance of epoxy or phenolic circuit
board material is between 1
× 1012 Ω and 3 × 1012 Ω. This can
result in an additional leakage of 5 pA between an input of 0 V
and a –15 V supply line. Teflon
® or a similar low leakage mate-
rial (with a resistance exceeding 10
17
Ω) should be used to
isolate high impedance input lines from adjacent lines carrying
high voltages. The insulator should be kept clean, since con-
taminants will degrade the surface resistance.
A metal guard completely surrounding the high impedance nodes
and driven by a voltage near the common-mode input potential
can also be used to reduce some parasitic leakages. The guarding
pattern in Figure 2 will reduce parasitic leakage due to finite
board surface resistance; but it will not compensate for a low
volume resistivity board.
Teflon is a registered trademark of DuPont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com