Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD548 Datasheet(PDF) 10 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices AD548 Datasheet HTML 9Page - Analog Devices AD548 Datasheet HTML 10Page - Analog Devices AD548 Datasheet HTML 11Page - Analog Devices AD548 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD548
–10–
REV. D
Figure 10. Log Ratio Amplifier
compensation is provided by resistors R8 and R15 that have a
positive 3500 ppm/
°C temperature coefficient. The transfer
function for the output voltage is:
V
OUT
= 1V log
10 ( I2 / I1 )
Frequency compensation is provided by R11, R12, C1, and C2.
Small signal bandwidth is approximately 300 kHz at input cur-
rents above 100
µA and will proportionally decrease with lower
signal levels. D1, D2, R13, and R14 compensate for the effects
of the two logging transistors’ ohmic emitter resistance.
To trim this circuit, set the two input currents to 10
µA and adjust
VOUT to zero by adjusting the potentiometer on A3. Then set I2
to 1
µA and adjust the scale factor such that the output voltage is
1 V by trimming potentiometer R10. Offset adjustment for A1 and
A2 is provided to increase the accuracy of the voltage inputs.
This circuit ensures a 1% log conformance error over an input
current range of 300 pA to 1 mA, with low level accuracy
limited by the AD548’s input current. The low level input voltage
accuracy of this circuit is limited by the input offset voltage and
drift of the AD548.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com