Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC574ABQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC574ABQ
Description  Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC574ABQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC574ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74LVC574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 18 December 2012
7 of 19
NXP Semiconductors
74LVC574A
Octal D-type flip-flop; 5 V tolerance; positive edge-trigger; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
IOZ
OFF-state
output
current
VI =VIH or VIL; VCC = 3.6 V;
VO =5.5 V orGND;
-0.1
10
-
20
A
IOFF
power-off
leakage
supply
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
A
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin; VCC = 2.7 V to 3.6
V; VI =VCC  0.6 V; IO =0 A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-5.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
VCC = 1.2 V
-
17.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
4.6
6.4
13.1
4.6
15.1
ns
VCC = 2.3 V to 2.7 V
2.6
3.9
7.9
2.6
9.1
ns
VCC = 2.7 V
1.5
3.7
8.0
1.5
10.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.5
7.0
1.5
9.0
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 1.2 V
-
19.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
7.0
17.1
1.5
19.8
ns
VCC = 2.3 V to 2.7 V
1.5
4.0
9.4
1.5
10.9
ns
VCC = 2.7 V
1.5
4.1
8.5
1.5
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
7.5
1.5
9.5
ns
tdis
disable time
OE to Qn; see Figure 9
[2]
VCC = 1.2 V
-
9.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.5
4.1
10.1
2.5
11.6
ns
VCC = 2.3 V to 2.7 V
1.0
2.3
5.7
1.0
6.6
ns
VCC = 2.7 V
1.5
3.1
6.5
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
2.9
6.0
1.5
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com