Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC574ABQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC574ABQ
Description  Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC574ABQ Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC574ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC574ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 18 December 2012
2 of 19
NXP Semiconductors
74LVC574A
Octal D-type flip-flop; 5 V tolerance; positive edge-trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC574AD
40 Cto +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVC574ADB
40 Cto +125 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVC574APW
40 Cto +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVC574ABQ
40 Cto +125 C
DHVQFN20 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
Fig 1.
Logic diagram
Fig 2.
IEC logic symbol
mna798
D0
D1
D2
D3
D4
D5
D6
D7
OE
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
mna446
12
13
14
15
16
17
18
11
C1
1
EN
1D
19
9
8
7
6
5
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com